Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S101S06V Datasheet(PDF) 4 Page - Sharp Corporation

Part # S101S06V
Description  SIP Type SSR with Mounting Capability for External Heat Sink
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101S06V Datasheet(HTML) 4 Page - Sharp Corporation

  S101S06V Datasheet HTML 1Page - Sharp Corporation S101S06V Datasheet HTML 2Page - Sharp Corporation S101S06V Datasheet HTML 3Page - Sharp Corporation S101S06V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
125
10 -9
10 -8
10 -7
10 -6
10 -5
10 -4
10 -3
Ambient temperature T a (˚C)
-25
10 -9
0
25
100
75
50
125
10 -4
10 -7
10 -8
10 -5
10 -6
10 -3
S101S06V
S101S05V
S201S06V
S201S05V
Fig.8-a Repetitive Peak OFF-state Current vs.
Ambient Temperature
(Typical Value )
Fig.8-b Repetitive Peak OFF-state Current vs.
Ambient Temperature
(Typical Value )
S101S05V/S101S06V/S201S05V/S201S06V
(S201S05V/S201S06V)
( S101S05V/S101S06V)
VD = 600V
VD = 400V
q Please refer to the chapter “Precautions for Use ”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com