Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S11MD4V Datasheet(PDF) 3 Page - Sharp Corporation

Part # S11MD4V
Description  Phototriac Coupler with Built-in Zero-cross Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MD4V Datasheet(HTML) 3 Page - Sharp Corporation

  S11MD4V Datasheet HTML 1Page - Sharp Corporation S11MD4V Datasheet HTML 2Page - Sharp Corporation S11MD4V Datasheet HTML 3Page - Sharp Corporation S11MD4V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S11MD4V/S11MD4T
Ambient temperature T a (˚C)
-30
0
20406080
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Fig. 5 Relative Repetitive Peak OFF-state
-30
0
20406080
100
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Fig. 6 ON-state Voltage vs.
Ambient Temperature
Ambient temperature T a (˚C)
-30
0
20406080
100
0.2
1
0.1
0.5
2
5
10
Fig. 7 Holding Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
100
200
300
400
500
600
5
10 - 8
10 - 7
2
5
2
OFF-state voltage VD (V)
-30
0
20406080
100
5
2
5
2
5
2
5
10 -6
10 -5
10 -7
10 -8
10 -9
Fig. 9 Repetitive Peak OFF-state Current vs.
Ambient temperature T a (˚C)
2
5
-30
0
20406080
100
15
20
25
Fig.10 Zero-cross Voltage vs.
Ambient temperature T a (˚C)
R load
Voltage vs. Ambient Temperature
Ambient Temperature
Ambient Temperature
IT = 100mA
VD =6V
Ta = 25˚C
V DRM = 400V
IF = 15mA
Fig. 8 Repetitive Peak OFF-state Current vs.
OFF-state Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com