Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S11MD4T Datasheet(PDF) 2 Page - Sharp Corporation

Part # S11MD4T
Description  Phototriac Coupler with Built-in Zero-cross Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MD4T Datasheet(HTML) 2 Page - Sharp Corporation

  S11MD4T Datasheet HTML 1Page - Sharp Corporation S11MD4T Datasheet HTML 2Page - Sharp Corporation S11MD4T Datasheet HTML 3Page - Sharp Corporation S11MD4T Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S11MD4V/S11MD4T
( Ta = 25˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
VF
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
VR =3V
-
-
10-5
A
Repetitive peak OFF-state
current
I DRM
VDRM
--
10-6
A
ON-state voltage
VT
IT = 0.1A
-
1.7
2.5
V
Holding current
IH
VD = 6V
0.1
3.5
mA
Critical rate of rise of
OFF-state voltage
100
-
-
V/
µ s
Zero-cross voltage
VOX
-
-
35
V
Minimum trigger current
IFT
VD = 6V. RL = 100
Ω
-
-
10
mA
Isolation resistance
RISO
5x 1010
1011
-
Ω
Turn-on time
t on
VD = 6V, RL = 100
Ω , IF = 20mA
-20
50
µ s
2
VDRM = 1/
• Rated
- 30
0
20406080
100
0
0.05
0.10
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
-30
0
25
50
75
100
125
0
10
20
30
40
50
60
70
Fig. 2 Forward Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
-30
0
20406080
100
0
2
4
6
8
10
12
14
Fig. 4 Minimum Trigger Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
s Electro-optical Characteristics
Input
Output
Transfer
charac-
teristics
1.0
Fig. 3 Forward Current vs. Forward Voltage
Forward voltage V F (V)
RL = 100Ω
VD =6V
= Rated
dV/dt
DC500V, 40 to 60% RH
200
10
5
2
1
0
0.5
1.0
1.5
2.5
3.0
2.0
100
20
50
75˚C
50˚C
25˚C
0˚C
- 30˚C
Ta = 100˚C
Resistance load, I F = 15mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com