Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S11MS3 Datasheet(PDF) 4 Page - Sharp Corporation

Part # S11MS3
Description  High Density Surface Mount Type Mini-flat Package Phototriac Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MS3 Datasheet(HTML) 4 Page - Sharp Corporation

  S11MS3 Datasheet HTML 1Page - Sharp Corporation S11MS3 Datasheet HTML 2Page - Sharp Corporation S11MS3 Datasheet HTML 3Page - Sharp Corporation S11MS3 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S11MS3/S21MS3/S21MS4
100
200
300
400
500
600
5
2
5
2
S21MS4
vs. OFF-state Voltage
(S21MS3/S21MS4)
10-9
10 -10
Ta
D ( V )
S21MS3
10 -10
100
200
300
400
500
600
5
10 -9
2
5
2
S11MS3
Ta = 25˚C
D ( V )
vs. OFF-state Voltage
(S11MS3)
-30
0
100
20
40
60
80
Ambient temperature T a (˚C)
Current vs. Ambient Temperature
102
101
100
10-1
10-2
V DRM = 400V
100
80
60
40
20
0
-30
30
25
20
15
0
10
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
20
30
40
50
60
70
S11MS3
S21MS3
S21MS4
T ( V )
80
90
100
Ta = 25˚C
IF = 20mA
ON-state Voltage
Zero-
cross
Circuit
+ VCC
VIN
Load
16
4
s Basic Operation Circuit
AC100V
AC200V
Zero-cross Circuit
S11MS3/
S21MS3/S21MS4
3
(S21MS4 )
(S11MS3 )
(S21MS3/S21MS4 )
R load
Ambient temperature T a (˚C)
q
Please refer to the chapter
Temperature
(S21MS4)
OFF-state voltage V
Fig. 8-a Repetitive Peak OFF-state Current
Fig. 8-b Repetitive Peak OFF-state Current
OFF-state voltage V
Fig.10 Zero-cross Voltage vs. Ambient
Fig. 9 Relative Repetitive Peak OFF-state
ON-state voltage V
Fig.11 ON-state Current vs.
= 25˚C
IF = 15mA
“ Precautions for Use.” ( Page 78 to 93) .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com