Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIT2811H30TP Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CIT2811H30TP
Description  Self Drive Piezo Transducer (AC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CIT2811H30TP Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CIT2811H30TP Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Self Drive
Piezo Transducer (AC)
CIT3010
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CIT2811
CIT3012
CIT2811H30TP
3 ~ 24
12
30
75 at 30cm 3000
500
±
-20 ~ +70
PBT
Pin
3
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Terminal Weight
(g)
CIT3010H35NP
3 ~ 20
12
10
88 at 10cm 3500
500
±
-30 ~ +70
Noryl
Pin
5
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Terminal Weight
(g)
CIT3012H27TP
1.5 ~ 24
12
12
75 at 1m
2700
500
±
-20 ~ +105
PBT
Pin
5
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Terminal Weight
(g)


Similar Part No. - CIT2811H30TP

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CIT2211 CANOPUS-CIT2211 Datasheet
954Kb / 1P
Self Drive Piezo Transducer (AC)
CIT2211H35TP CANOPUS-CIT2211H35TP Datasheet
954Kb / 1P
Self Drive Piezo Transducer (AC)
CIT2305 CANOPUS-CIT2305 Datasheet
954Kb / 1P
Self Drive Piezo Transducer (AC)
CIT2305F50BW CANOPUS-CIT2305F50BW Datasheet
954Kb / 1P
Self Drive Piezo Transducer (AC)
CIT2411 CANOPUS-CIT2411 Datasheet
954Kb / 1P
Self Drive Piezo Transducer (AC)
More results

Similar Description - CIT2811H30TP

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CIT2211 CANOPUS-CIT2211 Datasheet
954Kb / 1P
Self Drive Piezo Transducer (AC)
CIT2412 CANOPUS-CIT2412 Datasheet
694Kb / 1P
Self Drive Piezo Transducer (AC)
CIT3016 CANOPUS-CIT3016 Datasheet
569Kb / 1P
Self Drive Piezo Transducer (AC)
CPT0908 CANOPUS-CPT0908 Datasheet
627Kb / 1P
External Drive Piezo Transducer (AC)
CPT1306E CANOPUS-CPT1306E Datasheet
609Kb / 1P
External Drive Piezo Transducer (AC)
CPT1604 CANOPUS-CPT1604 Datasheet
621Kb / 1P
External Drive Piezo Transducer (AC)
CPT1708 CANOPUS-CPT1708 Datasheet
725Kb / 1P
External Drive Piezo Transducer (AC)
CPT3005 CANOPUS-CPT3005 Datasheet
682Kb / 1P
External Drive Piezo Transducer (AC)
CPT3307 CANOPUS-CPT3307 Datasheet
940Kb / 1P
External Drive Piezo Transducer (AC)
CPT2206 CANOPUS-CPT2206 Datasheet
625Kb / 1P
External Drive Piezo Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com