Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMB2820HD28BW Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CMB2820HD28BW
Description  Magnetic Buzzer (DC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CMB2820HD28BW Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CMB2820HD28BW Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetic
Buzzer (DC)
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CMB2814
CMB2820
2800 200
±
2800 200
±
2800 200
±
2800 200
±
2800 200
±
Resonant
Frequency
(Hz)
85 at 10cm
85 at 10cm
90 at 10cm
85 at 10cm
90 at 10cm
Min Sound
Output
(dBA)
CMB2814FC28BW
CMB2814GC28BP
CMB2814HC28BW
CMB2814HC28BW-001
CMB2814IC28BW
4 ~ 9
6 ~ 11
9 ~ 15
4 ~ 15
15 ~ 24
6
9
12
12
24
35
40
40
15
20
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Continuous
Continuous
Continuous
Continuous
Tone
Nature
-20 ~ +60
-20 ~ +60
-20 ~ +60
-20 ~ +60
-20 ~ +60
Operating
Tempature
( C)
o
ABS
ABS
ABS
ABS
ABS
Housing
Leadwire
Pin
Wire/Pin
Wire/Pin
Wire/Pin
Terminal
17
17
17
17
17
Weight
(g)
Resonant
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Terminal Weight
(g)
2800 200
±
70 at 10cm
CMB2820AD28BW
1 ~ 3
Pulse
Pulse
Pulse
Pulse
-20 ~ +60
ABS
Leadwire
Leadwire
Leadwire
Leadwire
Leadwire
10
10
10
10
10
10
10
10
10
10
10
10
2800 200
±
85 at 10cm
CMB2820CC28BW
2 ~ 5
Continuous
-20 ~ +60
ABS
Wire/Pin
Wire/Pin
2800 200
±
90 at 10cm
CMB2820FC28BW
4 ~ 9
Continuous
-20 ~ +60
ABS
2800 200
±
85 at 10cm
CMB2820FCD28BW
4 ~ 9
Continuous / Pulse
Continuous / Pulse
-20 ~ +60
ABS
2800 200
±
90 at 10cm
CMB2820GC28BW
6 ~ 11
Continuous
-20 ~ +60
ABS
2800 200
±
80 at 10cm
CMB2820GD28BW
6 ~ 11
-20 ~ +60
ABS
2800 200
±
95 at 10cm
CMB2820HC28BW
9 ~ 15
Continuous
-20 ~ +60
ABS
2800 200
±
90 at 10cm
CMB2820HC28BW-001
4 ~ 15
Continuous
-20 ~ +60
ABS
2800 200
±
80 at 10cm
CMB2820HCD28BW
8 ~ 15
-20 ~ +60
ABS
2800 200
±
85 at 10cm
CMB2820HD28BW
8 ~ 15
-20 ~ +60
ABS
Wire/Pin
2800 200
±
95 at 10cm
CMB2820IC28BW
15 ~ 28
Continuous
-20 ~ +60
ABS
Wire/Pin
2800 200
±
85 at 10cm
CMB2820ID28BW
15 ~ 28
5
35
35
35
40
10
40
15
40
15
25
20
1.5
3
6
6
9
9
12
12
12
12
24
24
-20 ~ +60
ABS
Wire/Pin
Wire/Pin
Wire/Pin


Similar Part No. - CMB2820HD28BW

ManufacturerPart #DatasheetDescription
logo
Dongguan Mentech Optica...
CMB2210SG MNC-CMB2210SG Datasheet
378Kb / 2P
COMMON MODE CHOKE
CMB2210SG181N MNC-CMB2210SG181N Datasheet
378Kb / 2P
COMMON MODE CHOKE
CMB2210SG301N MNC-CMB2210SG301N Datasheet
378Kb / 2P
COMMON MODE CHOKE
CMB2210SG321N MNC-CMB2210SG321N Datasheet
378Kb / 2P
COMMON MODE CHOKE
CMB2210SG601N MNC-CMB2210SG601N Datasheet
378Kb / 2P
COMMON MODE CHOKE
More results

Similar Description - CMB2820HD28BW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
MAGNETIC BUZZER
logo
CUI INC
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
magnetic buzzer
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
magnetic buzzer
logo
Canopus Electronics (H....
CMB1005 CANOPUS-CMB1005 Datasheet
730Kb / 1P
Magnetic Buzzer (DC)
CMB1207-X CANOPUS-CMB1207-X Datasheet
781Kb / 1P
Magnetic Buzzer (DC)
CSMB1307 CANOPUS-CSMB1307 Datasheet
536Kb / 1P
Magnetic Buzzer (DC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com