Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF5012 Datasheet(PDF) 1 Page - Sanken electric

Part # SPF5012
Description  Low-side Switch ICs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPF5012 Datasheet(HTML) 1 Page - Sanken electric

  SPF5012 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Unit
Conditions
Ratings
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Symbol
min
typ
max
Unit
Conditions
Ratings
(Ta=25ºC)
Power supply voltage 1
Power supply voltage 2
Logic input voltage
Power Dissipation
Input voltage
Quiescent circuit current
Overcurrent protection
operating current
Forward voltage of output stage diode
Output transfer time
(VB =14V, Ta = 25ºC unless otherwise specified)
Storage temperature
Channel temperature
Output avalanche capability
VB
VIN
VCC (opr)
VB=14V, VIN=0V
VB=14V, VO=1A
VB=14V
VB=14V, RL=14
Ω, IO=1A
V
4
50
6
4.5
5.5
Operating power supply voltage 1
Operating power supply voltage 2
VB (opr)
V
5.5
40
mA
1.5
5.5
V
12
8
10
5
V
A
V
µs
µs
Iq
Operating circuit current
VB=14V, VIN=5V
8
12
mA
Id
3.5
–0.5
VIN
VIN
IS
Thermal shutdown operating temperature
151
165
0.2
8
6
A
5
0.195
45
Output rise time
µs
Tr
Output fall time
µs
Tf
0.205
Output-diag voltage ratio
ra (DIAG)
VB=14V, VCC=5V, VO=40V
VB=14V, VO=1 to 14V, Rdiag=500k
Ω
4.85
Diag output clamping voltage
V
VDIAG (clamp)
ºC
TTSD
6
A
Overvoltage protection starting voltage
25
V
VB (ovp)
VF
Output leak current
VB=14V, VCC=5V, VIN=0V,
VO=40V, Ta=25ºC
VB=14V, VCC=5V, VIN=0V,
VO=14V, Ta=25ºC
IF=1A
2.8
1.6
40
Overvoltage protection hysteresis voltage
V
VB (ovp•hys)
mA
IOH
900
µA
Output clamp voltage
VB=14V, IO=1A
55
V
VOUT (clamp)
Output ON resistance
VB=14V, IO=1A, Ta=125ºC
0.3
–30
Ω
RDS (ON)
VB=14V, IO=1A, Ta=25ºC
0.2
Ω
TON
TOFF
PD
Tstg
Tch
EAV
Hi output
Lo output
Input current
VB=14V, VIN=5V
VB=14V, IO 1A
VB=14V
VB=14V, Ta=–40ºC
VB=14V, Ta=25ºC
VB=14V, Ta=125ºC
50
µA
µA
IIN
IIN
Hi output
Lo output
V
V
W
ºC
ºC
mJ
Single pulse
40
–0.5 to +7.5
Output voltage
VO
V
40 (DC)
Output current
IO
A
Self Limited
VCC
V
7.5
Diag output voltage
VDIAG
V
0 to VCC
2.8 to 5
–40 to +150
150
100
Equivalent Circuit Diagram
Circuit Example
Timing Chart
External Dimensions (unit: mm)
Features
● Output monitor circuit (DIAG)
● DMOS 4ch output
● Allows ON/OFF using C-MOS logic level
● Built-in overcurrent, overvoltage and thermal protection circuits
Low-side Switch ICs [Surface-mount 4-circuits with Output Monitor] SPF5012
54
VIN
VO
HL
LH
Truth table
VIN1
VIN2
VCC1-2 VCC3-4
VOUT1VOUT2VOUT3VOUT4
VB
VCC
VIN3
VIN4
L-GND
6
7
18
19
3
10
15
22
5
8
17
20
16
21
4
9
11,12
13,14
23,24
1, 2
P-GND1 P-GND2
Diag1
Diag2
Diag3
Diag4
P-GND3 P-GND4
SPF5012
Input
signal
Diag
output
VB
(19)
VIN1
(4)
VIN2
(9)
VIN3
(16)
VIN4
(21)
L. GND
(6)
VCC1-2
(7)
VCC3-4
(18)
Diag1
(5)
Diag2
(8)
Diag3
(17)
Diag4
(20)
VOUT1
(3)
VOUT2
(10)
VOUT3
(15)
VOUT4
(22)
P. GND1
(1, 2)
P. GND2
(11, 12)
P. GND3
(13, 14)
P. GND4
(23, 24)
Gate Protection
Reg
OVP
OCP
TSD
Ch1
Ch2
Ch3
Ch4
Gate driver
*1. At the clamping operation, refer to the section of VOUT (clamp) in electrical characteristics
*2. Changes by the patern of mounted substrate
*1
*2
1.0
+0.1
–0.05
0.25
+0.15
–0.05
17.28±0.2
15.58±0.2
1.27±0.25
24
112
13
0.4
+0.15
–0.05
a
b
a: Part No.
b: Lot No.
Fin
thickness
VB
VOUT
VIN
OVP
Normal
Overvoltage
Overheat
Overcurrent
* Self-excited frequency is used in the overcurrent protection.
Short L-GND and P-GND
in a pattern near the product.


Similar Part No. - SPF5012

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
High-side Power Switch ICs
More results

Similar Description - SPF5012

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
High-side Power Switch ICs
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
Low-side Switch ICs
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
High-side Power Switch ICs
SPF5009 SANKEN-SPF5009 Datasheet
49Kb / 1P
Low-side Switch ICs
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
High-side Power Switch ICs
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
High Side Switch ICs
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
High Side Switch ICs 2ch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com