Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC10/15/2502 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # KBPC10/15/2502
Description  Silicon-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC10/15/2502 Datasheet(HTML) 1 Page - Diotec Semiconductor

  KBPC10/15/2502 Datasheet HTML 1Page - Diotec Semiconductor KBPC10/15/2502 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC10/15/25 00...16 FP/WP
KBPC10/15/25 00...16 FP/WP
Silicon-Bridge-Rectifiers
Silizium-Brückengleichrichter
Version 2011-03-15
Type “FP“
Type “WP“
Dimensions - Maße [mm] 1)
Nominal current
Nennstrom
10 / 15 / 25 A
Alternating input voltage
Eingangswechselspannung
35...1000 V
Plastic case with alu bottom
Plastikgehäuse mit Alu-Boden
Index “P“
Dimensions
Abmessungen
28.6 x 28.6 x 7.3 [mm]
Weight approx.
Gewicht ca.
17 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Marking (Example)
Bestempelung (Beispiel)
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type 2)
Typ 1)
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspg.
VRRM [V] 3)
KBPC10/15/2500
35
50
KBPC10/15/2501
70
100
KBPC10/15/2502
140
200
KBPC10/15/2504
280
400
KBPC10/15/2506
420
600
KBPC10/15/2508
560
800
KBPC10/15/2510
700
1000
KBPC10/15/2512
800
1200
KBPC10/15/2514
900
1400
KBPC10/15/2516
1000
1600
1
Edge at the “+“ connector may be bevelled – Die Ecke am “+“ Anschluss kann abgeschrägt sein
2
Add index “FP“ or “WP“, according to connector type – Je nach Anschlussversion ist der Index “FP“ oder “WP“ zu ergänzen
3
Valid per diode – Gültig pro Diode
© Diotec Semiconductor AG
http://www.diotec.com/
1
28.6±0.5
min. 30
Ø 5.2±0.2
18±0.5
11.6
±0.5
+
7.3
+
5.3±0.9
+0.7
- 0.1
~
~
28.6±0.5
21.6
±1
Ø 5.2±0.2
18.1
±0.5
16.6±0.5
6.7
+
7.3
+
=
=
+0.7
- 0.1
~
~


Similar Part No. - KBPC10/15/2502

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBPC10/15/2502 DIOTEC-KBPC10/15/2502 Datasheet
335Kb / 2P
Silicon-Bridge-Rectifiers
More results

Similar Description - KBPC10/15/2502

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com