Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5401 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBT5401
Description  Surface Mount General Purpose Si-Epi-Planar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT5401 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT5401 Datasheet HTML 1Page - Diotec Semiconductor MMBT5401 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT5401
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Collector-Base cutoff current – Kollektor-Basis-Reststrom
- VCB = 120 V, (E open)
MMBT5401
- ICBO
–
–
50 nA
- VCB = 120 V, Tj = 100°C, (E open)
MMBT5401
- ICBO
–
–
50 µA
Emitter-Base-cutoff current – Emitter-Basis-Reststrom
- VEB = 4 V, (C open)
- IEBO
–
–-
50 nA
Gain-Bandwidth Product – Transitfrequenz
- IC = 10 mA, - VCE = 10 V, f = 100 MHz
fT
100 MHz
–
300 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 10 V, IE = ie = 0, f = 1 MHz
CCBO
–
–
6 pF
Noise figure – Rauschzahl
- VCE = 5 V, - IC = 200 µA,
RS = 10 Ω, f = 1 kHz
MMBT5401
F
–
–
8 dB
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
MMBT5551
Marking - Stempelung
MMBT5401 = 2Lx
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com