Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC207AS8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC207AS8
Description  GaAs MMIC SMT Double-Ba lanced Mixer, 0.7 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC207AS8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC207AS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC207AS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 5
v03.0709
GaAs MMIC SMT Double-
bAlAnCeD MIxer, 0.7 - 2.0 GHz
HMC207AS8 / 207AS8E
Pin Number
Function
Description
interface schematic
1, 3, 6, 8
GND
Package bottom must also be connected to rF/DC ground.
2
LO
This pin is DC coupled
and matched to 50 Ohm.
4
N/C
No connection required. These pins may be connected to rF/
DC ground without affecting performance.
5
iF
This pin is DC coupled. For applications not requiring opera-
tion to DC, this port should be DC blocked externally using a
series capacitor whose value has been chosen to pass the
necessary iF frequency range. For operation to DC, this pin
must not source or sink more than 10 mA of current or part
non-function and possible part failure will result.
8
rF
This pin is DC coupled
and matched to 50 Ohm.
Pin Descriptions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com