Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5K3 Datasheet(PDF) 5 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 5 Page - Sharp Corporation

  SM5K3 Datasheet HTML 1Page - Sharp Corporation SM5K3 Datasheet HTML 2Page - Sharp Corporation SM5K3 Datasheet HTML 3Page - Sharp Corporation SM5K3 Datasheet HTML 4Page - Sharp Corporation SM5K3 Datasheet HTML 5Page - Sharp Corporation SM5K3 Datasheet HTML 6Page - Sharp Corporation SM5K3 Datasheet HTML 7Page - Sharp Corporation SM5K3 Datasheet HTML 8Page - Sharp Corporation SM5K3 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
- 5 -
SM5K3/SM5K4/SM5K5
RECOMMENDED OPERATING CONDITIONS
(SM5K3/5K5)
PARAMETER
SYMBOL
CONDITIONS
RATING
UNIT
Supply voltage
VDD
2.2 to 5.5
V
Instruction cycle
TSYS
VDD = 2.2 to 5.5 V
2 to 61
µs
VDD = 5.0 V ± 10%
1 to 61
Main clock frequency
(OSCIN-OSCOUT)
fOSC
VDD = 2.2 to 5.5 V
1 M to 32.768 k
Hz
VDD = 5.0 V ± 10%
2 M to 32.768 k
(SM5K4)
NOTES :
• The typical oscillation frequency shall be determined in
consideration of operating condition and fluctuation
frequency.
• Mount Rf, RD, C1, C2, Oscillator (SM5K3/5K5)/Rf (SM5K4)
as close as possible to the oscillator pins of the LSI, in
order to reduce an influence from floating capacitance.
• Since the value of resistor Rf, RD, C1, C2, Oscillator
(SM5K3/5K5)/Rf (SM5K4) varies depending on circuit
pattern and others, the final Rf, RD, C1, C2, Oscillator
(SM5K3/5K5)/Rf (SM5K4) value shall be determined on the
actual unit.
• Don't connect any line to OSCIN and OSCOUT except
oscillator circuit.
• Don't put any signal line across the oscillator circuit line.
• On the multilayer circuit, do not let the oscillator circuit
wiring cross other circuit.
• Minimize the wiring capacitance of GND and VDD .
OSCILLATION CIRCUIT
PARAMETER
SYMBOL
CONDITIONS
RATING
UNIT
Supply voltage
VDD
2.7 to 5.5
V
Instruction cycle
TSYS
VDD = 2.7 to 5.5 V
2 to 5
µs
VDD = 5.0 V ± 10%
1 to 5
Main clock frequency
(OSCIN-OSCOUT)
fOSC
VDD = 2.7 to 5.5 V
1 M to 400 k
Hz
VDD = 5.0 V ± 10%
2 M to 400 k
Degree of fluctuation frequency : ± 20%
OSCOUT
OSCIN
Rf
Rf = 33 k
(fosc = 1.67 MHz, TYP.)
• SM5K3/5K5
∗ Reference only : Circuit configuration varies according to
oscillator used.
• SM5K4
OSCOUT
OSCIN
Rf
RD
Oscillator
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com