| Electronic Components Datasheet Search |
|
STM32F407IE Datasheet(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IE Datasheet(HTML) 58 Page - STMicroelectronics |
|
58 / 154 page ![]() Electrical characteristics STM32F405xx, STM32F407xx 58/154 Doc ID 022152 Rev 1 5.3 Operating conditions 5.3.1 General operating conditions Table 8. Current characteristics(1) 1. TBD stands for “to be defined”. Symbol Ratings Max. Unit IVDD Total current into VDD power lines (source) (2) 2. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. TBD mA IVSS Total current out of VSS ground lines (sink) (2) TBD IIO Output current sunk by any I/O and control pin 25 Output current source by any I/Os and control pin 25 IINJ(PIN) (3) 3. Negative injection disturbs the analog performance of the device. See note in Section 5.3.20: 12-bit ADC characteristics. Injected current on five-volt tolerant I/O(4) 4. Positive injection is not possible on these I/Os. A negative injection is induced by VIN<VSS. IINJ(PIN) must never be exceeded. Refer to Table 7 for the values of the maximum allowed input voltage. –5/+0 Injected current on any other pin(5) 5. A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. IINJ(PIN) must never be exceeded. Refer to Table 7 for the values of the maximum allowed input voltage. ±5 ΣIINJ(PIN)(5) Total injected current (sum of all I/O and control pins)(6) 6. When several inputs are submitted to a current injection, the maximum ΣI INJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). ±25 Table 9. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range –65 to +150 °C TJ Maximum junction temperature 125 °C Table 10. General operating conditions(1) Symbol Parameter Conditions Min Max Unit fHCLK Internal AHB clock frequency VOS bit in PWR_CR = 0 0 144 MHz VOS bit in PWR_CR = 1 0 168 fPCLK1 Internal APB1 clock frequency 0 42 fPCLK2 Internal APB2 clock frequency 0 84 VDD Standard operating voltage 1.8(2) 3.6 V VDDA (3)(4) Analog operating voltage (ADC limited to 1 M samples) Must be the same potential as VDD (5) 1.8(2) 3.6 V Analog operating voltage (ADC limited to 2 M samples) 2.4 3.6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |