Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3G4200DTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L3G4200DTR
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200DTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L3G4200DTR Datasheet HTML 33Page - STMicroelectronics L3G4200DTR Datasheet HTML 34Page - STMicroelectronics L3G4200DTR Datasheet HTML 35Page - STMicroelectronics L3G4200DTR Datasheet HTML 36Page - STMicroelectronics L3G4200DTR Datasheet HTML 37Page - STMicroelectronics L3G4200DTR Datasheet HTML 38Page - STMicroelectronics L3G4200DTR Datasheet HTML 39Page - STMicroelectronics L3G4200DTR Datasheet HTML 40Page - STMicroelectronics L3G4200DTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
L3G4200D
Register description
Doc ID 17116 Rev 3
37/42
Interrupt source register. Read only register.
Reading at this address clears INT1_SRC IA bit (and eventually the interrupt signal on INT1
pin) and allows the refreshment of data in the INT1_SRC register if the latched option was
chosen.
7.17
INT1_THS_XH (32h)
7.18
INT1_THS_XL (33h)
7.19
INT1_THS_YH (34h)
Table 51.
INT1_SRC description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH
Z high. Default value: 0 (0: no interrupt, 1: Z High event has occurred)
ZL
Z low. Default value: 0 (0: no interrupt; 1: Z Low event has occurred)
YH
Y high. Default value: 0 (0: no interrupt, 1: Y High event has occurred)
YL
Y low. Default value: 0 (0: no interrupt, 1: Y Low event has occurred)
XH
X high. Default value: 0 (0: no interrupt, 1: X High event has occurred)
XL
X low. Default value: 0 (0: no interrupt, 1: X Low event has occurred)
Table 52.
INT1_THS_XH register
-
THSX14
THSX13
THSX12
THSX11
THSX10
THSX9
THSX8
Table 53.
INT1_THS_XH description
THSX14 - THSX9
Interrupt threshold. Default value: 0000 0000
Table 54.
INT1_THS_XL register
THSX7
THSX6
THSX5
THSX4
THSX3
THSX2
THSX1
THSX0
Table 55.
INT1_THS_XL description
THSX7 - THSX0
Interrupt threshold. Default value: 0000 0000
Table 56.
INT1_THS_YH register
-
THSY14
THSY13
THSY12
THSY11
THSY10
THSY9
THSY8
Table 57.
INT1_THS_YH description
THSY14 - THSY9
Interrupt threshold. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com