Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC276LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC276LP4
Description  GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC276LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC276LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12 - 47
Isolation When VH is Connected to OP2*
Isolation When HH is Connected to OP2*
Output Third Order Intercept Point
* Isolation is recorded above insertion loss & measured at output of switch.
Path
State
F1
Pout (dBm)
Pout
Intermod (dBm)
IMR
(dBc)
Output
IP3 (dBm)
VL to OP1
1
-12
-106
94
35
VL to OP2
1
-12
-114
102
39
HL to OP1
11
-12
-108
96
36
HL to OP2
11
-12
-110
98
37
VH to OP1
6
-12
-115
103
39.5
VH to OP2
6
-12
-115
103
39.5
HH to OP1
16
-12
-116
104
40
HH to OP2
16
-12
-114
102
39
Test Conditions
Temperature = +25° C
F1 = 2150 (MHz): -12 dBm at the Output
F2 = 2151 (MHz): -12 dBm at the Output
Vdd = +5V
VCTL Low = 0V, High = +5V
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
HL to OP2 (state 12)
HL to OP2 (state 16)
VH to OP2 (state 8)
VH to OP2 (state 16)
VL to OP2 (state 16)
VL to OP2 (state 4)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
HH to OP2 (state 14)
HL to OP2 (state 6)
VL to OP2 (state 2)
VL to OP2 (state 6)
HH to OP2 (state 6)
HL to OP2 (state 10)
FREQUENCY (GHz)
HMC276LP4 / 276LP4E
v01.0409
GaAs MMIC 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com