Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324D Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM324D
Description  QUAD OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM324D Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM324D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM324D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM324D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM324D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QUAD OPERATIONAL AMPLIFIERS
LM324
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTIC
Power Supply Voltage
Differential Input Voltage
Input Voltage
Output Short Circuit to GND
VCC≤15V TA=25℃ (One Amp)
Power Dissipation
Operating Temperature Range
Storage Temperature Range
Electrical characterisitics at specified free-air temperature, VCC=5V(unless otherwise noted)
VIO
VCC=5V to MAX,
Input Offset Voltage
VIC=VICRMIN,
VO=1.4V
αVIO
Average Temperature Coefficient
of Input Offset Voltage
IIO
Input Offset Current
αllo
Average Temperature Coefficient
of Input Offset Current
IIB
Input Bias Current
VICR
Common-Mode Input Voltage
Range
RL≥2㏀
VOH
VCC=MAX, RL=2㏀
High-Level Output Voltage
VCC=MAX,
RL≥10㏀
VOL
Low-Level Output Voltage
AVD
VCC=15V,
Large-Signal Differential
VO=1V to 11V,
Voltage Amplification
RL≥2㏀
CMRR
VCC=5V to MAX,
Common-Mode Rejection Ratio
VIC=VICR MIN,
KSVR Supply Voltage Rejection
Ratio(ΔVCC/ΔVIO)
V01/V02
Crosstalk Attenuation
VCC=15V,
VID=1V, VO=0
IO
VCC=15V,
Output Current
VID=1V, VO=15V
VID=1V,
VO=200㎷
IOS
VCC at 5V,
Short-Circuit Output Current
GND at -5V, VO=0
ICC
VO-2.5V, No Load
Supply Current (Four Amplifiers)
VCC=MAX,
VO=0.5VCC, No load
* All characteristics are measured under open loop conditions with zero common-mode input voltage unless
otherwise specified <<MAX>> VCC for testing purpose is 30V. Full range is 0℃ to 70℃.
HTC
- 2 -
V
Continuous
SYMBOL
VALUE
UNIT
V
VCC
±18 or 32
V
VI
-0.3 to +32
VI(DIFF)
32
TOPR
0~+70
℃
PD
570
㎽
TSTG
-65 to +150
℃
PARAMETER
*TEST CONDITIONS
LM324D
UNIT
MIN
TYP
MAX
㎷
Full Range
9
25℃
3
7
Full Range
7
㎶/℃
VO=1.4V
25℃
2
50
㎁
Full Range
150
Full Range
10
㎀/℃
VO=1.4V
25℃
-20
-250
㎁
Full Range
-500
VCC=5V to MAX
25℃
0toVCC-1.5
Full Range
0toVCC-2
V
V
28
25℃
RL≥10㏀
Full Range
Full Range
27
VCC-1.5
Full Range
26
520
㎷
25℃
25
100
V/㎷
Full Range
15
25℃
65
80
㏈
VCC=5V to MAX
25℃
65
100
㏈
f=1 kHz to 20kHz
25℃
120
㏈
25℃
-20
-30
㎃
Full Range
-10
25℃
10
20
Full Range
5
25℃
12
30
25℃
±40
±60
㎃
Full Range
0.7
1.2
㎃
Full Range
1.1
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com