Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM79L12F Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # LM79L12F
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L12F Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button LM79L12F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L12F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L12F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L12F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L12F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L12F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L12F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L12F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM79L12F Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 6
-
HTC
LM79L08 (At specified virtual junction temperature, VIN = 14V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
-7.7
-8
-8.3
1mA ≤ Io ≤ 40mA
-10.5V ≤ VIN ≤ -23V
-7.6
-8
-8.4
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
0℃ ~
125℃
-7.6
-8
-8.4
V
-10.5V ≤ VIN ≤ -23V
20
175
Line Regulation
ΔVLINE
-11V ≤ VIN ≤ -23V
25℃
12
125
mV
1mA ≤ Io ≤ 100mA
18
80
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
9
42
mV
25℃
6.5
Bias Current
IB
125℃
6
mA
-11V ≤ VIN ≤ -23V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
0℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
60
uV
Ripple Rejection
RR
-12V ≤ VIN ≤ -23V,
f=120Hz
25℃
42
49
dB
Dropout Voltage
VD
25℃
1.7
V
LM79L09 (At specified virtual junction temperature, VIN = 15V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
-8.64
-9
-9.36
1mA ≤ Io ≤ 40mA
-11V ≤ VIN ≤ -24V
-8.55
9
-9.45
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
0℃ ~
125℃
-8.55
9
-9.45
V
-11V ≤ VIN ≤ -24V
80
200
Line Regulation
ΔVLINE
-12V ≤ VIN ≤ -24V
25℃
20
160
mV
1mA ≤ Io ≤ 100mA
17
90
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
8
45
mV
25℃
3.8
6.5
Bias Current
IB
125℃
6
mA
-12V ≤ VIN ≤ -24V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
0℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
64
uV
Ripple Rejection
RR
-8V ≤ VIN ≤ -18V,
f=120Hz
25℃
35
43
dB
Dropout Voltage
VD
25℃
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com