Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC331 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC331
Description  GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC331 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC331 Datasheet HTML 1Page - Hittite Microwave Corporation HMC331 Datasheet HTML 2Page - Hittite Microwave Corporation HMC331 Datasheet HTML 3Page - Hittite Microwave Corporation HMC331 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2
2 - 25
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC331
v04.1007
GaAs MMIC PASSIVE FREQUENCY
DOUBLER, 12 - 18 GHz INPUT
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with
conductive epoxy (see HMC general Handling, Mounting, Bonding Note).
50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film
substrates are recommended for bringing RF to and from the chip (Figure 1). If
0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be
raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface
of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick
die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then
attached to the ground plane (Figure 2).
Microstrip substrate should be brought as close to the die as possible in order to
minimize ribbon bond length. Typical die-to-substrate spacing is 0.076mm (3 mils).
Gold ribbon of 0.075mm ( 3 mil) width and minimal length <0.31mm ( <12 mils) is
recommended to minimize inductance on RF ports.,
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage: All bare die are placed in either Waffle or Gel based ESD protective
containers, and then sealed in an ESD protective bag for shipment. Once the
sealed ESD protective bag has been opened, all die should be stored in a dry
nitrogen environment.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean
the chip using liquid cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against ESD strikes.
Transients: Suppress instrument and bias supply transients while bias is applied.
Use shielded signal and bias cables to minimize inductive pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with
a sharp pair of bent tweezers. The surface of the chip may have fragile air bridges
and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mount-
ing surface should be clean and flat.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a tool temperature of
265 °C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C. DO NOT expose the chip to a tem-
perature greater than 320 °C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment.
Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the
perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
RF bonds made with 0.003” x 0.0005” ribbon are recommended. These bonds should be thermosonically bonded with a force of
40 - 60 grams. DC bonds of 0.001” (0.025mm) diameter, thermosonically bonded, are recommended. Ball bonds should be made
with a force of 40 - 50 grams and wedge bonds at 18 - 22 grams. All bonds should be made with a nominal stage temperature of 150
°C. A minimum amount of ultrasonic energy should be applied to achieve reliable bonds. All bonds should be as short as possible,
less than 12 mils (0.31 mm).
0.102mm (0.004”) Thick GaAs MMIC
Wire 3 mil Ribbon Bond
RF Ground Plane
0.127mm (0.005”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 1.
0.102mm (0.004”) Thick GaAs MMIC
Ribbon Bond
RF Ground Plane
0.254mm (0.010”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 2.
0.150mm (0.005”) Thick
Moly Tab



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com