Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ2995DP Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2995DP
Description  DDR Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2995DP Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  TJ2995DP Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DDR Termination Regulator
TJ2995
Oct. 2009 - Rev. 1.1
3/9
HTC
ELECTRICAL CHARACTERISTICS (1)
Specifications with standard typeface are for TJ = 25°. Unless otherwise specified, AVIN = PVIN = 2.5V, VDDQ = 2.5V.(1), (4)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VREF Voltage
VREF
VDDQ = 2.3V
VDDQ = 2.5V
VDDQ = 2.7V
1.11
1.21
1.31
1.15
1.25
1.35
1.19
1.29
1.39
V
VTT Output Voltage
VTT
IOUT = 0 A
VDDQ = 2.3V
VDDQ = 2.5V
VDDQ = 2.7V
IOUT = ± 1.5 A
VDDQ = 2.3V
VDDQ = 2.5V
VDDQ = 2.7V
1.11
1.21
1.31
1.11
1.21
1.31
1.15
1.25
1.35
1.15
1.25
1.35
1.19
1.29
1.39
1.19
1.29
1.39
V
VTT Output Voltage Offset
(2)
VOSVTT
IOUT = 0 A
IOUT = +1.5 A
IOUT = -1.5 A
-40
-40
-40
0
0
0
40
40
40
mV
Quiescent Current
(3)
IQ
IOUT = 0A
-
250
2000
uA
VDDQ Input Impedance
ZVDDQ
-
100
-
kΩ
VSENSE Input Current
ISENSE
-
0.1
uA
Thermal Shutdown
(5)
TSD
-
165
-
℃
Note 1. Stresses listed as the absolute maximum ratings may cause permanent damage to the device. These are for stress ratings. Functional
operating of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may remain possibly to affect device reliability.
Note 2: VTT offset is the voltage measurement defined as VTT subtracted from VREF.
Note 3: Quiescent current defined as the current flow into AVIN.
Note 4: Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation.
Note 5. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction to ambient thermal
resistance, θJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature and the regulator will go into thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com