Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM29152R Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # LM29152R
Description  1.5A Very L.D.O Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29152R Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button LM29152R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29152R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29152R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29152R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29152R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29152R Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29152R Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM29152R Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM29152R Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/29151/29152
Nov. 2009 - Rev. 1.2
- 7
-
HTC
Reference LM29152
1.228
1.215
1.24
1.252
1.265
V
VREF
Reference Voltage
(Note 8)
1.203
1.277
V
IADJ
Adjust Pin Bias Current
40
80
120
nA
Reference Voltage Temp.
Coefficient
(Note 7)
20
ppm/℃
Adjust Pin Bias Current
Temp. Coefficient
0.1
nA/℃
Enable Input LM29151 / LM29152
VEN
Enable Input Voltage
Logic Low (Off)
Logic High (On)
2.4
0.8
V
VEN =26V
100
600
750
μA
IEN
Enable Pin Input Current
VEN =0.8V
2.5
5
μA
Regulator Output Current
Shutdown
(Note 10)
10
500
μA
Note 1. Maximum positive supply voltage of 60V must be of limited duration (<100msec) and duty cycle(≤1%). The maximum continuous
supply voltage is 26V.
Note 2. Full load current (IFL) is defined as 1.5A.
Note 3. Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with VOUT
to VIN.
Note 4. VIN = VOUT(nominal) +1V. For example, use VIN = 4.3V for a 3.3V regulator or use 6V for a 5V regulator. Employ pulse-testing
procedures to minimize temperature rise.
Note 5. Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus
the ground pin current.
Note 6. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 7. Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding
load or line regulation effects. Specifications are for a 200mA load pulse at VIN = 20V (a 4W pulse) for T= 10ms.
Note 8. VREF ≤ VOUT ≤ (VIN -1V), 2.3V ≤ VIN ≤ 26V, 10mA < IL < IFL, TJ< TJ Max.
Note 9. Comparator thresholds are expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage
measured at. 6V input. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT /
VREF = (R1 +R2)/R2. For example, at a programmed output voltage of 5V, the Error output is guaranteed to go low when the
output drops by 95mV x 5V/ 1.240V - 384mV. Thresholds remain constant as a percent of VOUT as VOUT is varied, with the dropout
warining occurring at typically 5% below nominal, 7.7% guaranteed.
Note 10. VEN ≤ 0.8V and VIN ≤26V, VOUT =0.
Note 11. When used in dual supply system where the regulator load is returned to a negative supply, the output voltage must be diode
clamped to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com