Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TL494
Description  Pulse-Width-Modulation Control Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL494 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TL494_08 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL494_08 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL494_08 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL494_08 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL494_08 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL494_08 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pulse-Width-Modulation Control Circuits
TL494
2008 - Ver. 1.2
HTC
2 / 6
Parameter measurement information
DEAD-TIME
FEEDBACK
RT
CT
(+)
(-)
OUTPUT
CONTROL
REF OUT
E2
C2
E1
C1
Vcc
GND
(+)
(-)
ERROR
Vcc = 15V
150 Ω
2W
150 Ω
2W
OUTPUT 1
OUTPUT 2
TEST
INPUTS
12KΩ
0.01uF
50KΩ
TEST CIRCUIT
VOLTAGE
AT C1
VOLTAGE
AT C2
VOLTAGE
AT CT
DEAD-TIME
CONTROL
INPUT
FEEDBACK
DUTY
CIRCLE
0.7 V
0 V
THRESHOLD VOLTAGE
0%
MAX
THRESHOLD VOLTAGE
0%
0
Vcc
0
Vcc
FIGURE 1. OPERATIONAL TEST CIRCUIT AND WAVEFORMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com