Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494 Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # TL494
Description  Pulse-Width-Modulation Control Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL494 Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  TL494 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pulse-Width-Modulation Control Circuits
TL494
Electrical characteristics over recommended operating free-air temperature range,
Vcc=15V, f=10kHz (unless otherwise noted)
Amplifier section (See Figure 2)
*For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
** All typical values except for parameter changes with temperature are at TA =25 oC
*** Duration of the short-circuit should not exceed one second.
**** Standard deviation is a measure of the statistical distribution about the mean as derived from the formula.
***** Temperature coefficient of timing capacitor and timing resistor not taken into account.
Output section
Dead-time control-section (See Figure 1)
PMW comparator section (See Figure 1)
2008 - Ver. 1.2
HTC
5 / 6
Average supply current
VI(pin 4)= 2V
7.5
610
mA
and outputs open
VCC=40V
915
Standby supply current
Pin 6 at Vref, all other inputs
VCC=15V
mA
Total device
PARAMETER
TEST CONDITIONS
MIN.
TYP*
MAX. UNIT
Input sink current (pin 3)
V(pin3) = 0.7V
0.3
0.7
MAX. UNIT
Input threshold voltage (pin3)
Zero duty cycle
4
4.5
V
PARAMETER
TEST CONDITIONS
MIN.
TYP*
3.3
V
Maximum duty cycle
0
Input threshold voltage(pin 4)
Zero duty cycle
3
-10
㎂
Maximum duty cycle, each output
VI (pin 4)=0, CT=0.1uF, RT=12KΩ
45
%
Input bias current(pin4)
VI=0 to 5.25V
-2
3.5
mA
PARAMETER
TEST CONDITIONS
MIN.
TYP*
MAX. UNIT
Output control input current
VI=Vref
1.1
1.3
V
Emitter-follower
Vc=15V, IE=-200mA
1.5
2.5
Collector-emitter saturation voltage
Common-emitter
VE=0, IC=200mA
100
㎂
Emitter off-state current
VCC=VC=40V,VE=0
-100
Collector off-state current
VCE=40V, Vcc=40V
2
mA
PARAMETER
TEST CONDITIONS
MIN.
TYP*
MAX. UNIT
Output source current (pin 3)
VID=15mV~5V, V(pin3)=3.5V
-2
dB
Output sink current (pin 3)
VID=-15mV~-5V, V(pin3)=0.7V
0.3
0.7
mA
Common-mode rejection ratio
Vo= 40V, TA= 25
oC
65
80
dB
Unity-gain bandwidth
Vo=0.5~3.5V, RL=2KΩ
800
kHz
Open-loop voltage amplification
Vo=3V, RL=2KΩ, Vo=0.5~3.5V
70
95
1
㎂
Common-mode input voltage range
Vcc = 7V to 40V
-0.3~-2
V
Input bias current
Vo(pin 3)=2.5V
0.2
10
㎷
Input offset current
Vo(pin 3)=2.5V
25
250
nA
Input offset voltage
Vo(pin 3)=2.5V
2
SYMBOL
TEST CONDITIONS
MIN.
TYP**.
MAX. UNIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com