Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2011 Datasheet(PDF) 2 Page - Cree, Inc

Part # CXA2011
Description  Cree® XLamp® CXA2011 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011 Datasheet(HTML) 2 Page - Cree, Inc

  CXA2011 Datasheet HTML 1Page - Cree, Inc CXA2011 Datasheet HTML 2Page - Cree, Inc CXA2011 Datasheet HTML 3Page - Cree, Inc CXA2011 Datasheet HTML 4Page - Cree, Inc CXA2011 Datasheet HTML 5Page - Cree, Inc CXA2011 Datasheet HTML 6Page - Cree, Inc CXA2011 Datasheet HTML 7Page - Cree, Inc CXA2011 Datasheet HTML 8Page - Cree, Inc CXA2011 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
XLamp CXa2011 LED
characteristics
characteristics
unit
minimum
typical
maximum
effective thermal resistance, junction to case
°C/W
0.4
Viewing angle (FWHM)
degrees
120
ESD classification (HBM per Mil-Std-883D)
Class 2
DC forward current
ma
1,000
Reverse current
ma
0.1
Forward voltage (@ 270 mA, 85 °C)
v
40
48
LeD junction temperature
°C
150
Temperature coefficient of voltage
mV/°C
-35
fluX characteristics, standard order codes and Bins (i
f=270 ma, tJ=85°c)
The following tables provide order codes for XLamp CXA2011 LEDs. For a complete description of the order code no-
menclature, please reference Bin and Order Code Formats (p. 10).
color
cct
range
Base order codes
min luminous flux @
270 ma, 85° C
2-step order code
4-step order code
Group
flux (lm)
chromaticity
region
chromaticity
region
easywhite
5000K
H0
900
50H
CXA2011-0000-000P00H050H
50F
CXA2011-0000-000P00H050F
J0
1040
CXA2011-0000-000P00J050H
CXA2011-0000-000P00J050F
4000K
G0
780
40H
CXA2011-0000-000P00G040H
40F
CXA2011-0000-000P00G040F
H0
900
CXA2011-0000-000P00H040H
CXA2011-0000-000P00H040F
3500K
G0
780
35H
CXA2011-0000-000P00G035H
35F
CXA2011-0000-000P00G035F
H0
900
CXA2011-0000-000P00H035H
CXA2011-0000-000P00H035F
3000K
G0
780
30H
CXA2011-0000-000P00G030H
30F
CXA2011-0000-000P00G030F
H0
900
CXA2011-0000-000P00H030H
CXA2011-0000-000P00H030F
2700K
F0
680
27H
CXA2011-0000-000P00F027H
27F
CXA2011-0000-000P00F027F
G0
780
CXA2011-0000-000P00G027H
CXA2011-0000-000P00G027F
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements and a tolerance of ±2 on CRI measurements.
•
Minimum CRI for chromaticity kits 27F, 27H, 30F, 30H is 80 .
•
Minimum CRI for chromaticity kits 35F, 35H is 77 and typical CRI is 80.
•
Minimum CRI for chromaticity kits 40F, 40H, 50F, 50H is 70 and typical CRI is 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com