Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4059 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4059
Description  Switching Power Transistor(15A NPN)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4059 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4059 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4059 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4059 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4059 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4059 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4059 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4059 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4059 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4059 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Unit : mm
Case : MTO-3P
FX Series
Switching Power Transistor
15A NPN
2SC4059
(T15W45FX)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
Junction Temperature
Tj
150
Collector to Base Voltage
VCBO
600
V
Collector to Emitter Voltage
VCEO
450
V
VCEX
VEB = 5V
600
Emitter to Base Voltage
VEBO
7V
Collector Current DC
IC
15A
Collector Current Peak
ICP
30
Base Current DC
IB
6
A
Base Current Peak
IBP
12
Total Transistor Dissipation
PT
Tc = 25℃
130
W
Mounting Torque
TOR
0.8
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
VCEO(sus)
IC = 0.2A
Min 450
V
Collector Cutoff Current
ICBO
At rated Voltage
Max 0.1
mA
ICEO
Max 0.1
Emitter Cutoff Current
IEBO
At rated Voltage
Max 0.1
mA
DC Current Gain
hFE
VCE = 5V, IC = 7.5A
Min 10
hFEL
VCE = 5V, IC = 1mA
Min 5
Collector to Emitter Saturation Voltage
VCE(sat)
IC = 7.5A
Max 1.0
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = 1.5A
Max 1.5
V
Thermal Resistance
θjc
Junction to case
Max 0.96
℃/W
Transition Frequency
fT
VCE = 10V, IC = 1.5A
STD 20
MHz
Turn on Time
ton
IC = 7.5A
Max 0.5
Storage Time
ts
IB1 = 1.5A, IB2 = 3A
Max 2.0
μs
Fall Time
tf
RL = 20Ω, VBB2 = 4V
Max 0.2


Similar Part No. - 2SC4059

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4059 ISC-2SC4059 Datasheet
77Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4059 SAVANTIC-2SC4059 Datasheet
125Kb / 3P
Silicon NPN Power Transistors
2SC4059 SAVANTIC-2SC4059 Datasheet
127Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4059

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Shindengen Electric Mfg...
2SA1601 SHINDENGEN-2SA1601 Datasheet
406Kb / 8P
Switching Power Transistor(-15A PNP)
2SC4151 SHINDENGEN-2SC4151 Datasheet
403Kb / 8P
Switching Power Transistor(15A NPN)
2SC4582 SHINDENGEN-2SC4582 Datasheet
446Kb / 10P
Switching Power Transistor(15A NPN)
2SD1026 SHINDENGEN-2SD1026 Datasheet
429Kb / 8P
Darlington Transistor(15A NPN)
2SD1027 SHINDENGEN-2SD1027 Datasheet
458Kb / 10P
Darlington Transistor(15A NPN)
2SD2196 SHINDENGEN-2SD2196 Datasheet
457Kb / 10P
Darlington Transistor(15A NPN)
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
NPN POWER SWITCHING SILICON TRANSISTOR
logo
Sanyo Semicon Device
F5H2201 SANYO-F5H2201 Datasheet
62Kb / 5P
NPN Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com