Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC451LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC451LP3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC451LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC451LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC451LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 6
Evaluation PCB
The circuit board used in the application should
use rf circuit design techniques. signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 120202 [1]
item
Description
J1 - J2
pCB mount smA Connector
J3 - J5
DC pin
C1, C2
100 pf Capacitor, 0402 pkg.
C3, C4
1000 pf Capacitor, 0603 pkg.
C5, C6
2.2 µf Capacitor, Tantalum
U1
HmC451lp3(e) Amplifier
pCB [2]
120201 evaluation pCB
[1] reference this number when ordering complete evaluation pCB
[2] Circuit Board material: Arlon 25fr
HMC451LP3 / 451LP3E
v00.0808
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 18 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com