Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT03 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # CT03
Description  SMT Current Sense Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

CT03 Datasheet(HTML) 1 Page - ice Components, Ins.

  CT03 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Mechanical - Figure A
Electrical Specifications
1. Electrical specifications at 25ºC.
2. Operating temperature range:
-40ºC to +130ºC.
3. Meets UL 94V-0.
4. Terminating resistor for 1V out
with 1A flowing through
primary.
unit: mm
Mechanical - Figure b
Encapsulated to Meet UL1950 and
EN60950 Creepage/Clearance spac-
ing
Available in Unipolar and Bipolar
configurations
Meets UL Class B Insulation System
Feedback Control
Overload Protection
Detecting Load Drop or
Shutdown
Applications
Features
Packaging Tray=144 pieces, Box=12 Trays, Box=1728 pieces
Part Number
Turns
Ratio
Ls1
(mH, min)
Frequency
(KHz)
Rs
(
Ω, max.)
Terminating4
Resistor (
Ω)
Hi-Pot
Vac
CT03-050-B_
1:50
5
17.5
0.6
50
3750
CT03-100-B_
1:100
20
17.5
1.3
100
3750
CT03-200-B_
1:200
80
17.5
4.5
200
3750
CT03-750-A_
1:750
1125
1.0
34.0
750
3750
CT03-1000-A_
1:1000
1500
1.0
57.0
1000
3750
Add designator to end of p/n
C = Center Tap Secondary
N = Non-Center Tap Secondary
Schematic
���������
�������
10.2max
dia 0.8
����������
�����
�����������
����������
����
����
�������������
A
B
3
1
Non-Center Tap
A
B
3
1
2
with Center Tap
CT03 Series
SMT Current Sense Transformer
80
(02/08) CT03-1


Similar Part No. - CT03

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT03 ICE-CT03 Datasheet
262Kb / 1P
Current Sense Transformer
CT03-050-B ICE-CT03-050-B Datasheet
262Kb / 1P
Current Sense Transformer
CT03-100-B ICE-CT03-100-B Datasheet
262Kb / 1P
Current Sense Transformer
CT03-1000-A ICE-CT03-1000-A Datasheet
262Kb / 1P
Current Sense Transformer
CT03-200-B ICE-CT03-200-B Datasheet
262Kb / 1P
Current Sense Transformer
More results

Similar Description - CT03

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT01 ICE-CT01 Datasheet
378Kb / 1P
SMT Current Sense Transformer
CT01 ICE-CT01_08 Datasheet
215Kb / 1P
SMT Current Sense Transformer
logo
List of Unclassifed Man...
TCS-01 ETC2-TCS-01 Datasheet
116Kb / 1P
SMT CURRENT SENSE TRANSFORMER
logo
Pulse A Technitrol Comp...
PA1005.020QNL PULSE-PA1005.020QNL Datasheet
298Kb / 2P
SMT Current Sense Transformer
M1300 PULSE-M1300 Datasheet
123Kb / 2P
SMT CURRENT SENSE TRANSFORMER
M1807 PULSE-M1807 Datasheet
127Kb / 2P
SMT CURRENT SENSE TRANSFORMER
PA1005QNL PULSE-PA1005QNL Datasheet
385Kb / 2P
SMT Current Sense Transformer
PH9500.XXXNL PULSE-PH9500.XXXNL Datasheet
343Kb / 2P
SMT Current Sense Transformer
logo
Eaton All Rights Reserv...
ECST1V0504 EATON-ECST1V0504 Datasheet
827Kb / 5P
SMT current sense transformer
April 2022
ECST1V0703 EATON-ECST1V0703 Datasheet
854Kb / 5P
SMT current sense transformer
April 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com