Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS545 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS9LPRS545
Description  48-pin CK505 for Intel Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS545 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS9LPRS545 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS545 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS545 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS545 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS545 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS545 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS545 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS545 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS545 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS9LPRS545
Datasheet
1479A—07/28/09
Pin 14
Spread
MHz
%
0
0
0
0
N/A
N/A
N/A
0
0
0
1
N/A
N/A
N/A
0
0
1
0
N/A
N/A
N/A
0
0
1
1
N/A
N/A
N/A
0
1
0
0
N/A
N/A
N/A
0
1
0
1
N/A
N/A
N/A
0
1
1
0
N/A
N/A
N/A
0
1
1
1
N/A
N/A
N/A
1
0
0
0
N/A
N/A
N/A
1
0
0
1
N/A
N/A
N/A
1
0
1
0
N/A
N/A
N/A
1
0
1
1
N/A
N/A
N/A
1
1
0
0
25.000
None 25Mhz on SE1
1
1
0
1
N/A
N/A
N/A
1
1
1
0
N/A
N/A
N/A
1
1
1
1
N/A
N/A
N/A
Comment
B1b1
B1b4
B1b3
B1b2
Table 2: PLL3 Quick Configuration (Read Only)
Table 3: Vswing Select Table
B9b2
B9b1
B9b0
Vswing
0
0
0
0.3V
0
0
1
0.4V
0
1
0
0.5V
0
1
1
0.6V
1
0
0
0.7V
1
0
1
0.8V
1
1
0
0.9V
1
1
1
1.0V
Table 4: Device ID table
0
1
1
0
48 SSOP/TSSOP
B8b6
B8b5
B8b4
Comment
B8b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com