Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4151 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4151
Description  Switching Power Transistor(15A NPN)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4151 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4151 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4151 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4151 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4151 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4151 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4151 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4151 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4151 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Unit : mm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
LSV Series
Switching Power Transistor
OUTLINE DIMENSIONS
Case : ITO-220
15A NPN
2SC4151
(TP15S4)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Junction Temperature
Tj
150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
V
CEO
40
V
Emitter to Base Voltage
VEBO
7
V
Collector Current DC
I
C
15
A
Collector Current Peak
I
CP
30
A
Base Current DC
I
B
2
A
Base Current Peak
IBP
3
A
Total Transistor Dissipation
P
T
Tc = 25℃
30
W
Dielectric Strength
Vdis
Terminal to case, AC 1 mitute
2
kV
Mounting Torque
TOR
(Recommended torque : 0.3N・m)
0.5
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
V
CEO(sus)
IC = 0.1A
Min 40
V
Collector Cutoff Current
I
CBO
At rated Voltage
Max 0.1
mA
ICEO
Max 0.1
Emitter Cutoff Current
I
EBO
At rated Voltage
Max 0.1
mA
DC Current Gain
h
FE
V
CE = 2V, IC = 7.5A
Min 70
Collector to Emitter Saturation Voltage
VCE(sat)
I
C = 7.5A
Max 0.3
V
Base to Emitter Saturation Voltage
V
BE(sat)
IB = 0.4A
Max 1.2
V
Thermal Resistance
θjc
Junction to case
Max 4.16
℃/W
Transition Frequency
f
T
V
CE = 10V, IC = 1.5A
TYP 50
MHz
Turn on Time
ton
Max 0.3
I
C = 7.5A
Storage Time
ts
I
B1 = 0.75A, I B2 = 0.75A
Max 1.5
μs
R
L = 4Ω, VBB2 = 4V
Fall Time
tf
Max 0.5


Similar Part No. - 2SC4151

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4151 SAVANTIC-2SC4151 Datasheet
223Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4151 JMNIC-2SC4151 Datasheet
153Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4151 SAVANTIC-2SC4151 Datasheet
224Kb / 3P
Silicon NPN Power Transistors
logo
Powerex Power Semicondu...
2SC4151 POWEREX-2SC4151 Datasheet
263Kb / 7P
Gate Driver
logo
Quanzhou Jinmei Electro...
2SC4151 JMNIC-2SC4151_15 Datasheet
153Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4151

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Shindengen Electric Mfg...
2SA1601 SHINDENGEN-2SA1601 Datasheet
406Kb / 8P
Switching Power Transistor(-15A PNP)
2SC4059 SHINDENGEN-2SC4059 Datasheet
526Kb / 12P
Switching Power Transistor(15A NPN)
2SC4582 SHINDENGEN-2SC4582 Datasheet
446Kb / 10P
Switching Power Transistor(15A NPN)
2SD1026 SHINDENGEN-2SD1026 Datasheet
429Kb / 8P
Darlington Transistor(15A NPN)
2SD1027 SHINDENGEN-2SD1027 Datasheet
458Kb / 10P
Darlington Transistor(15A NPN)
2SD2196 SHINDENGEN-2SD2196 Datasheet
457Kb / 10P
Darlington Transistor(15A NPN)
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
NPN POWER SWITCHING SILICON TRANSISTOR
logo
Sanyo Semicon Device
F5H2201 SANYO-F5H2201 Datasheet
62Kb / 5P
NPN Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com