Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC472LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC472LP4
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC472LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC472LP4_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC472LP4_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC472LP4_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC472LP4_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC472LP4_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC472LP4_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC472LP4_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC472LP4_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 141
Return Loss RF1, RF2
(Only Major States are Shown)
Insertion Loss
Normalized Attenuation
(Only Major States are Shown)
-3
-2.5
-2
-1.5
-1
-0.5
0
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
+25C
+85C
-40C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
FREQUENCY (GHz)
HMC472LP4 / 472LP4E
v06.1108
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
Insertion Loss
-3
-2.5
-2
-1.5
-1
-0.5
0
0.05
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Return Loss RF1, RF2
(Only Major States are Shown)
-35
-30
-25
-20
-15
-10
-5
0
0.05
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
0.5-16 dB
31.5 dB
Normalized Attenuation
(Only Major States are Shown)
-35
-30
-25
-20
-15
-10
-5
0
0.05
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com