Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC495LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC495LP3
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC495LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC495LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
10
10 - 14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
* See note titled “Calibrated vs. Uncalibrated test results” herein.
Output Noise vs. LO Power
Over Temperature@ 1900 MHz
Output Noise vs. LO Power
Over Supply@ 1900 MHz
Sideband Suppression*
vs. LO Power@ 1900 MHz
Carrier Suppression*
vs. LO Power@ 1900 MHz
Output IP3 & Output Power vs.
LO Power Over Temperature@ 1900 MHz
Output IP3 & Output Power vs.
LO Power Over Supply@ 1900 MHz
-60
-50
-40
-30
-20
-6
-5
-4
-3
-2
-1
0123456
UNCALIBRATED, +25 C
CALIBRATED, +25 C
UNCALIBRATED, OVER TEMP
CALIBRATED, OVER TEMP
LO POWER (dBm)
-10
-5
0
5
10
15
20
-9
-8
-7
-6
-5
-4
-3
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
Vcc= 3.0 Volts
Vcc= 3.3 Volts
Vcc= 3.6 Volts
LO POWER (dBm)
-60
-50
-40
-30
-20
-6
-5
-4
-3
-2
-1
0123456
UNCALIBRATED, +25 C
CALIBRATED, +25 C
UNCALIBRATED, OVER TEMP
CALIBRATED, OVER TEMP
LO POWER (dBm)
-160
-155
-150
-145
-140
-6
-5
-4
-3
-2
-1
0123456
+25 C
+85 C
-40 C
LO POWER (dBm)
-160
-155
-150
-145
-140
-6
-5
-4
-3
-2
-1
0123456
Vcc= 3.0 Volts
Vcc= 3.3 Volts
Vcc= 3.6 Volts
LO POWER (dBm)
-10
-5
0
5
10
15
20
-9
-8
-7
-6
-5
-4
-3
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
+25 C
+85 C
-40 C
LO POWER (dBm)
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 250 - 3800 MHz
v02.0705
HMC495LP3 / 495LP3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com