Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC497LP4 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC497LP4
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC497LP4 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC497LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 30
Pin Number
Function
Description
Interface Schematic
1,6, 7, 13, 15
N/C
Not connected.
2, 5, 8, 11,
12, 14, 17, 19,
20, 23
GND
These pins and the ground paddle should be
connected to a high quality RF/DC ground.
3, 4
LOP, LON
LO inputs. Need DC decoupling capacitors.
The ports could be driven single ended or differentially.
9, 10
QN, QP
Q channel differential baseband input. These high
impedance ports should be biased around 1.5V DC.
Nominal recommended baseband input is around
1.6V pp differential.
16
RFOUT
RF output. 50 Ohms. Needs DC blocking capacitor.
18
Vcc1
Supply voltage for the mixer and
output stages 79mA @ +5.0V.
21, 22
IP, IN
I channel differential baseband input.
These high impedance ports should be at the
same bias voltage (VbbDC) as Qn & Qp.
24
Vcc2
Supply voltage for the LO stage 88mA @ +5V.
Pin Descriptions
HMC497LP4 / 497LP4E
v04.1108
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 100 - 4000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com