Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP02-1 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LP02-1
Description  VRM Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LP02-1 Datasheet(HTML) 1 Page - ice Components, Ins.

  LP02-1_08 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Features
•
Design verified by
leading IC manufacturers
•
High saturation current of 85A
•
Designed for frequencies up to 1MHz
•
Suitable for pick and place applications
•
Tighter DCR tolerances available.
Contact ICE for additional details
Mechanical
Electrical Specifications
1. Tested @ 1MHz, 0.1Vrms.
2. Inductance drops 15% at rated I
sat.
3. DC current that causes a 40ºC tempera-
ture rise. PCB layout, trace thickness and
width, airflow and proximity to other
devices will effect the temperature rise.
4. Electrical specifications at 25ºC.
5. Operating temperature range:
-40ºC to +130ºC.
6. Meets UL 94V-0.
7. Test equipment used includes HP4194A
Impedance Analyzer, GPR-1210 HHD DC
Power Supply, and CH502A Ohmmeter.
Packaging Reel Diameter: 13", Reel Width: 16mm, Pieces Per Reel: 1,000
B max
A max
XXX-Y
C max
S
F
E
F
D
LP02-500-1S
LP02-800-1S
LP02-101-1
LP02-141-1
LP02-181-1
LP02-251-1
50
85
95
140
180
250
85
55
40
35
25
18
50
50
42
42
42
42
Part
Number
DCR nom.
(m
Ω)
Inductance1
(nH, nom.)
I
sat
2
(A)
I
dc
3
(A)
0.22
0.22
0.34
0.34
0.34
0.34
Dimensions
Part Number
LP02-XXX-1S
LP02-XXX-1
A
7.2mm
7.0mm
B
6.5mm
6.5mm
D
7.7mm
7.5mm
E
2.5mm
2.5mm
C
5.2mm
5.0mm
F
2.8mm
2.8mm
Applications
•
Voltage Regulator Modules
(VRMs)
•
High Frequency, High Current
Switching Power Supplies
•
Synchronous Buck DC/DC
Converters
LP02-1 Series
vRM Inductor
7
(02/08) LP02-1
Recommended PCb Layout
Schematic


Similar Part No. - LP02-1_08

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP02-101-1 ICE-LP02-101-1 Datasheet
158Kb / 1P
VRM Inductor
LP02-101-2 ICE-LP02-101-2 Datasheet
192Kb / 1P
VRM Inductor
LP02-101-2 ICE-LP02-101-2 Datasheet
156Kb / 1P
VRM Inductor
LP02-121-3 ICE-LP02-121-3 Datasheet
217Kb / 1P
VRM Inductor
LP02-121-3 ICE-LP02-121-3 Datasheet
168Kb / 1P
VRM Inductor
More results

Similar Description - LP02-1_08

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1700-XX MICROSEMI-LXM1700-XX Datasheet
142Kb / 4P
PENTIUM II VRM MODULE
LX1677 MICROSEMI-LX1677 Datasheet
320Kb / 16P
AMD64 Processor VRM Controller
logo
ice Components, Ins.
LP02-1 ICE-LP02-1 Datasheet
158Kb / 1P
VRM Inductor
LP02-2 ICE-LP02-2 Datasheet
156Kb / 1P
VRM Inductor
LP02-3 ICE-LP02-3 Datasheet
168Kb / 1P
VRM Inductor
LP02-5 ICE-LP02-5 Datasheet
158Kb / 1P
VRM Inductor
ICL813-1 ICE-ICL813-1 Datasheet
192Kb / 2P
VRM/POL Inductor
LP02-2 ICE-LP02-2_08 Datasheet
192Kb / 1P
VRM Inductor
LP02-3 ICE-LP02-3_08 Datasheet
217Kb / 1P
VRM Inductor
LP02-5 ICE-LP02-5_08 Datasheet
183Kb / 1P
VRM Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com