Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP05 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LP05
Description  SMT High Current Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LP05 Datasheet(HTML) 1 Page - ice Components, Ins.

  LP05_08 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Features
•
High saturation current
•
Suitable for pick and place
applications
•
Flat wire reduces ACR
•
Suitable for frequencies to 1 MHz
Electrical Specifications
Part Number
Inductance
1
DCR
I
dc
5
I
sat
6
(nH +/- 10%)
(m
Ω typ.)
LP05-1018
100
0.56
40
55
LP05-181
180
1.3
28
45
LP05-221
220
1.3
28
40
LP05-271
270
1.3
28
35
LP05-331
330
1.3
28
30
LP05-391
390
2.1
22
30
LP05-471
470
2.1
22
25
LP05-561
560
3.3
18
25
LP05-681
680
3.3
18
20
LP05-821
820
4.5
14
20
LP05-102
1000
4.5
14
17
LP05-132
1300
4.5
14
12
Mechanical
Schematic
Recommended PCb Layout
5.2
max
10.2
max
10.8 max
front view
side view
top view
unit: mm
1
2
3.2
3
3.6
3.45
3.45
2.5
3.5
7.0
1
8.15
2
Applications
•
Synchronous Buck Converters
•
VRM Modules
•
Point of Load DC/DC Converters
•
Output Chokes
1. Tested at 1 MHz, 0.1 V
rms.
2. Electrical specifications at 25˚C.
3. Operating range: -40˚C to +155˚C.
4. Meets UL 94V-0.
5. I
dc is DC current required to produce a
temperature rise of 40˚C.
6. I
sat is the DC current required to reduce
the nominal inductance by 15%.
7. For Lead Free components,
please add “LF” as suffix.
8. Height = 5.2 mm max.
Length = 10.8 mm max.
Packaging Reel diameter: 13”, Reel width: 24 mm, Pieces/reel: 700
LP05 Series
SMT High Current Inductors
12
(02/08) LP05-1
units: mm
Side View
Top View
Top View


Similar Part No. - LP05_08

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP05-101 ICE-LP05-101 Datasheet
214Kb / 1P
SMT High Current Inductors
LP05-102 ICE-LP05-102 Datasheet
214Kb / 1P
SMT High Current Inductors
LP05-132 ICE-LP05-132 Datasheet
214Kb / 1P
SMT High Current Inductors
LP05-181 ICE-LP05-181 Datasheet
214Kb / 1P
SMT High Current Inductors
logo
Meder Electronic
LP05-1A31-80U MEDER-LP05-1A31-80U Datasheet
182Kb / 2P
LP Reed Relay
More results

Similar Description - LP05_08

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP03 ICE-LP03 Datasheet
309Kb / 1P
SMT High Current Inductors
LP05 ICE-LP05 Datasheet
214Kb / 1P
SMT High Current Inductors
LP06 ICE-LP06 Datasheet
233Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07 Datasheet
127Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08 Datasheet
169Kb / 1P
SMT High Current Inductors
LP03 ICE-LP03_08 Datasheet
176Kb / 1P
SMT High Current Inductors
LP06 ICE-LP06_08 Datasheet
176Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07_08 Datasheet
135Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08_08 Datasheet
181Kb / 1P
SMT High Current Inductors
logo
List of Unclassifed Man...
PM2120-470K ETC2-PM2120-470K Datasheet
134Kb / 1P
SMT High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com