Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP06-472 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LP06-472
Description  SMT High Current Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LP06-472 Datasheet(HTML) 1 Page - ice Components, Ins.

  LP06-472 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Features
•
Compact Design for easy SMT
Mounting
•
Robust Design for High Current DC/
DC Applications
• Magnetically Shielded for Reduced
EMI
Mechanical
Schematic
Recommended PCb layout
Electrical Specifications
units: mm
Side View
Top View
Top View
Packaging Reel Diameter: 13”, Reel Width: 24 mm, Pieces/Reel: 600
13.8 max
2.5
3
5.20
2.60
2.60
3.5
3.2
7.2
1
12.0
TOP VIEW
2
1
2
Part number
Inductance
1
DCR
I
dc
5
I
sat
6
(nH, nom.)
(mΩ)
(A)
(A)
LP06-101
100
0.5
45
75
LP06-181
180
1
35
65
LP06-221
220
1
35
60
LP06-271
270
1
35
55
LP06-331
330
1
35
48
LP06-391
390
1.9
25
45
LP06-471
470
1.9
25
42
LP06-561
560
2.5
22
40
LP06-681
680
2.5
22
35
LP06-821
820
3.9
17
32
LP06-102
1000
3.9
17
28
LP06-222
2200
4.6
14
15
LP06-332
3300
6.3
12
12
LP06-422
4200
7.1
10.5
11
LP06-472
4700
7.1
9.5
10
LP06-562
5600
10
9.5
8
LP06-722
7200
12
8
7
1. Tested at 1MHz, 0.1Vrms.
2. Electrical specifications at 25ºC.
3. Operating range: -40ºC to +130ºC.
This is a combination of ambient
plus temperature rise.
4. Meets UL 94V-0.
5. Idc is the DC current required to
produce a temperature rise of 40ºC
at an ambient temperature of 25ºC.
6. Isat is the DC current required to
reduce the nominal inductance by 10%.
7. Inductance tolerance is +/-10%.
Applications
•
Power Supply Modules
•
Notebook Computers
•
Servers
LP06 Series
SMT High Current Inductors
13
(02/08) LP06-1


Similar Part No. - LP06-472

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP06-472 ICE-LP06-472 Datasheet
233Kb / 1P
SMT High Current Inductors
More results

Similar Description - LP06-472

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP03 ICE-LP03 Datasheet
309Kb / 1P
SMT High Current Inductors
LP05 ICE-LP05 Datasheet
214Kb / 1P
SMT High Current Inductors
LP06 ICE-LP06 Datasheet
233Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07 Datasheet
127Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08 Datasheet
169Kb / 1P
SMT High Current Inductors
LP03 ICE-LP03_08 Datasheet
176Kb / 1P
SMT High Current Inductors
LP05 ICE-LP05_08 Datasheet
148Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07_08 Datasheet
135Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08_08 Datasheet
181Kb / 1P
SMT High Current Inductors
logo
List of Unclassifed Man...
PM2120-470K ETC2-PM2120-470K Datasheet
134Kb / 1P
SMT High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com