Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC546LP2 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC546LP2
Description  GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC546LP2 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC546LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 6Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 7Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 161
Input IP3 vs. Voltage with 1843 MHz Tuning
Return Loss with 1843 MHz Tuning
Insertion Loss vs.
Temperature, Tx with 1843 MHz Tuning
Isolation with 1843 MHz Tuning
-3
-2.5
-2
-1.5
-1
-0.5
0
1.75
1.8
1.85
1.9
1.95
Tx, +25C
Tx, +85C
Tx, -40C
FREQUENCY (GHz)
Insertion Loss vs.
Temperature, Rx with 1843 MHz Tuning
-40
-35
-30
-25
-20
-15
-10
-5
0
1.75
1.8
1.85
1.9
1.95
Tx, Input
Tx, Output
Rx, Input
Rx, Output
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
65
70
75
3
456
78
RFC to Tx
RFC to Rx
VOLTAGE (V)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.75
1.8
1.85
1.9
1.95
RFC to Tx
RFC to Rx
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
1.75
1.8
1.85
1.9
1.95
Tx, +25C
Tx, +85C
Tx, -40C
FREQUENCY (GHz)
HMC546LP2 / 546LP2E
v03.0809
GaAs MMIC 10W FAILSAFE SWITCH
0.2 - 2.7 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com