Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP020T Datasheet(PDF) 1 Page - BeRex Corporation

Part # BCP020T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP020T Datasheet(HTML) 1 Page - BeRex Corporation

  BCP020T Datasheet HTML 1Page - BeRex Corporation BCP020T Datasheet HTML 2Page - BeRex Corporation BCP020T Datasheet HTML 3Page - BeRex Corporation BCP020T Datasheet HTML 4Page - BeRex Corporation BCP020T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 tel. (408) 452-5595
September 2011
Specifications are subject to change without notice. ©BeRex 2011
Rev. 1.2
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP (.25µm x 200µm)
The BeRex BCP020T is a GaAs Power pHEMT with a nominal 0.25 micron gate length and 200 micron gate width
making the product ideally suited for applications where high-gain and medium power in the 1000 MHz to 26.5
GHz frequency range are required. The product may be used in either wideband (6-18 GHz) or narrow-band
applications. The BCP020T is produced using state of the art metallization with SI3N4 passivation and is screened to
assure reliability.
PRODUCT FEATURES
24 dBm Typical Output Power
14 dB Typical Gain @ 12 GHz
0.25 X 200 Micron Recessed Gate
APPLICATIONS
Commercial
Military / Hi-Rel.
Test & Measurement
ELECTRICAL CHARACTERISTIC (TUNED FOR POWER) Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Ids = 50%
Idss)
12 GHz
18 GHz
22.5
24.0
24.0
dBm
G1dB
Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
12.0
14.0
12.0
dB
PAE
PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
60
55
%
NF
50 Ohm Noise Figure (Vds=2V, Ids=10 mA
12 GHz
1.09
dB
Idss
Saturated Drain Current (Vgs = 0V, Vds = 3V)
40
60
80
mA
Gm
Transconductance (Vds = 3V, Vgs = 50% Idss)
80.0
mS
Vp
Pinch-off Voltage (Ids = 0.3 mA, Vds = 3V)
-2.5
-1.1
-0.5
V
BVgd
Drain Breakdown Voltage (Ig = 0.6 mA, source open)
-15
-12
V
BVgs
Source Breakdown Voltage (Ig = 0.6 mA, drain open)
-13
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
160
° C/W
BCP020T


Similar Part No. - BCP020T

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP020T BEREX-BCP020T Datasheet
436Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T-70 BEREX-BCP020T-70 Datasheet
805Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 200關m gate)
BCP020T-70 BEREX-BCP020T-70 Datasheet
719Kb / 7P
HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP020T-70 BEREX-BCP020T-70_15 Datasheet
719Kb / 7P
HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP020T BEREX-BCP020T_15 Datasheet
436Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

Similar Description - BCP020T

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP030T BEREX-BCP030T Datasheet
622Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP160T BEREX-BCP160T Datasheet
703Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP120C BEREX-BCP120C Datasheet
371Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C Datasheet
326Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030C BEREX-BCP030C Datasheet
318Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T_15 Datasheet
436Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T_18 Datasheet
382Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T_18 Datasheet
430Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C_18 Datasheet
336Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080C BEREX-BCP080C_18 Datasheet
337Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com