Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC552LP4 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC552LP4
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC552LP4 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC552LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC552LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC552LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC552LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC552LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC552LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC552LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC552LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 7
Evaluation PCB
The circuit board used in the application should use
rF circuit design techniques. signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from Hit-
tite upon request.
item
Description
J1 - J3
PCB Mount sMA rF Connector
J4, J5
DC Pin
C1, C2, C5
100 pF Chip Capacitor, 0402 Pkg.
C3
1000 pF Chip Capacitor, 0603 Pkg.
C4
2.2 µF Capacitor, Tantalum
L1
18 nH Chip inductor, 0603 Pkg.
r1
18 Ohm resistor, 1210 1/8 watt Pkg.
U1
HMC552LP4 / HMC552LP4e
PCB [2]
113417 evaluation Board
[1] reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: rogers 4350
List of Materials for Evaluation PCB 113722 [1]
HMC552LP4 / 552LP4E
v03.1210
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 1.6 - 3.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com