Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

552LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 552LP4E
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

552LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  552LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 6
Pin Number
Function
Description
interface schematic
1
Mix LO
This pin is DC coupled and matched to 50 Ohms.
An off chip DC blocking capacitor is required.
2, 6 - 9,
11 - 17, 19 - 24
N/C
No connection. These pins may be connected to rF
ground. Performance will not be affected.
3
BiAs
Power supply for the LO amplifier , a Bias resistor is
required . Three external bypass capacitors are recom-
mended for optimum performance, as illustrated in the
application circuit.
4
GND
Backside of package has exposed metal ground
paddle that must also be connected to ground.
5
LO
This pin is DC coupled and matched to 50 Ohms.
An off chip DC blocking capacitor is required.
10
iF
This pin is DC coupled. For applications not requiring
operation to DC, this port should be DC blocked
externally using a series capacitor whose value has
been chosen to pass the necessary iF frequency
range. For operation to DC, this pin must not source/
sink more than 18 mA of current or die non-function
and possible die failure will result.
18
rF
This pin is DC coupled and
matched to 50 Ohms.
Pin Descriptions
HMC552LP4 / 552LP4E
v03.1210
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 1.6 - 3.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com