Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC581LP6 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC581LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC581LP6 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC581LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8
8 - 184
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC581LP6 / 581LP6E
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 800 - 960 MHz
v00.0806
General Description
Features
Functional Diagram
The HMC581LP6 & HMC581LP6E are high linear-
ity Dual Down Converter Receiver ICs that operate
from 800 - 960 MHz and deliver a +26 dBm input third
order intercept point for UMTS & GSM applications.
The passive mixer outputs and high dynamic range IF
amplifier inputs are positioned so that an external IF
filter can be placed in series between them. The con-
verter provides a gain of 9 dB and typical single side
band noise figure of 13 dB. The IC operates from a
single +5V supply consuming 260 mA of current while
requiring only 0 dBm LO drive. The design requires no
external baluns, no external matching and supports IF
frequencies between 50 and 300 MHz.
+26 dBm Input IP3
Low Single Input LO Drive: 0 dBm
9 dB Conversion Gain
13 dB Noise Figure
Single Positive Supply: +5V @ 260 mA
Electrical Specifications, T
A = +25° C, LO = 0 dBm, Vdd = +5V, IF = 105 MHz*
Typical Applications
The HMC581LP6 / HMC581LP6E is ideal for Wireless
Infrastructure Applications:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• Cellular / 3G Infrastructure
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF
800 - 960
MHz
Frequency Range, LO
700 - 1160
MHz
Frequency Range, IF
50 - 300
MHz
Conversion Gain
79
dB
Noise Figure (SSB)
13
dB
LO to RF Isolation
4dB
LO to IF Isolation
10
dB
RF to IF Isolation
15
dB
IP3 (Input)
23
26
dBm
1 dB Compression (Input)
9.5
dBm
Branch Isolation
40
dB
LO Drive Input Level (Typical)
-4 to +4
dBm
Supply Current (Idd for LO & IF)
(IF bias resistor= 4.7 Ohms)
256
mA
* Unless otherwise noted all measurements with low side LO & IF = 105 MHz.


Similar Part No. - HMC581LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6E HITTITE-HMC581LP6E Datasheet
1Mb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
More results

Similar Description - HMC581LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC421QS16 HITTITE-HMC421QS16_10 Datasheet
808Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com