Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD19B Datasheet(PDF) 2 Page - BeRex Corporation

Part # BD19B
Description  Dual Band 2-Way SMT Power Divider
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD19B Datasheet(HTML) 2 Page - BeRex Corporation

  BD19B Datasheet HTML 1Page - BeRex Corporation BD19B Datasheet HTML 2Page - BeRex Corporation BD19B Datasheet HTML 3Page - BeRex Corporation BD19B Datasheet HTML 4Page - BeRex Corporation BD19B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Typical Test Data
With Back Side Ground Soldering
Without Back Side Ground Soldering
Dual Band 2-Way SMT Power Divider
BD19B
1700~2300MHz PCS, WCDMA & TD-SCDMA
Parameters
Unit
PCS, WCDMA & TD-SCDMA
Frequency Range
MHz
1700
1800
1900
1900
2075
2250
Insertion Loss
dB
0.35
0.37
0.38
0.38
0.47
0.64
Isolation
dB
20.4
22.1
24.4
24.4
30.1
20.6
IRL(S11)
dB
-22.3
-24.4
-24.1
-24.1
-19.3
-15.1
ORL(S22,S33)
dB
-27.1
-36.4
-34.1
-34.1
-27.4
-26.4
Phase Diff.
deg
0.2
0.2
0.3
0.3
0.5
0.8
Amplitude Balance
dB
0.03
0.04
0.04
0.04
0.06
0.07
Parameters
Unit
PCS, WCDMA & TD-SCDMA
Frequency Range
MHz
1700
1800
1900
1900
2075
2250
Insertion Loss
dB
0.38
0.40
0.43
0.43
0.54
0.75
Isolation
dB
20.0
21.9
24.1
24.1
25.4
18.1
IRL(S11)
dB
-22.0
-22.3
-20.3
-20.3
-16.0
-12.4
ORL(S22,S33)
dB
-26.4
-32.9
-29.5
-29.5
-23.8
-22.1
Phase Diff.
deg
1.0
1.0
1.0
1.0
0.9
0.8
Amplitude Balance
dB
0.06
0.06
0.06
0.06
0.05
0.04
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com