Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

601LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 601LP4E
Description  75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

601LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  601LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 601LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 12
LOGOUT Voltage & Error
vs. Input Power, Fin = 100 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 2500 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 1900 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 900 MHz
Unless otherwise noted: Vcc1, Vcc2 = +3.3V, TA = +25C
LOGOUT Voltage & Error
vs. Input Power, Fin = 3500 MHz
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
IDEAL
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
IDEAL
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
IDEAL
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
IDEAL
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
IDEAL
LOGOUT Voltage & Error
vs. Input Power, Fin = 500 MHz
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
IDEAL
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
HMC601LP4 / 601LP4E
v01.0509
75 dB, FAST SETTLING, LOGARITHMIC
DETECTOR / CONTROLLER 10 - 4000 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com