Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

604LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 604LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

604LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  604LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 604LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 604LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 604LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 604LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 604LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 604LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 604LP3E Datasheet HTML 8Page - Hittite Microwave Corporation 604LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC604LP3 / 604LP3E
v00.0308
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
General Description
Features
Functional Diagram
Typical Applications
Electrical Specifications, T
A = +25° C
The HmC604lp3(e) is a versatile, high dynamic
range GaAs mmiC low Noise Amplifier that integrates
a low loss lNA bypass mode on the iC. The amplifier
is ideal for wimAX & C-band radio receivers
operating between 4.8 and 6.0 GHz and provides
1.5 dB noise figure, 15 dB of gain and +26 dBm ip3
from a single supply of +5V @ 42mA. input and output
return losses are 12 and 14 dB respectively with no
external matching components required. A single
control line (0/Vdd) is used to switch between lNA
mode and a low loss bypass mode which reduces the
current consumption to 10 µA.
Noise figure: 1.5 dB
output ip3: +26 dBm
Gain: 15 dB
integrated low loss lNA Bypass path
single supply: +3V or +5V
50 ohm matched output/input
16 lead 3x3mm QfN package: 9 mm2
The HmC604lp3 / HmC604lp3e is ideal for:
• wimAX/C-band radio
• fixed wireless
• Tower mounted Amplifiers
• public safety infrastructure
• Telematics & DsrC
parameter
Vdd = +3V
Vdd = +5V
lNA mode
Bypass mode
lNA mode
Bypass mode
Units
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
frequency range
4.8 - 6.0
4.8 - 6.0
GHz
Gain
10
12.5
-3
-2
13
15
-3
-2
dB
Gain Variation over Temperature
0.026
0.002
0.026
0.002
dB / °C
Noise figure
1.6
2.1
2
1.5
2
2
dB
input return loss
14
20
12
20
dB
output return loss
15
20
14
20
dB
reverse isolation
28
-
30
-
dB
power for 1dB Compression (p1dB)*
10
24
14
24
dBm
saturated output power (psat)
10.5
25
14.5
25
dBm
Third order intercept (ip3)*
(-20 dBm input power per tone,
1 mHz tone spacing)
21
23
26
23
dBm
supply Current (idd)
17
25
0.01
42
55
0.01
mA
switching
speed
lNA mode to Bypass mode
7
6
ns
Bypass mode to lNA mode
50
150
ns
* p1dB and ip3 for lNA mode are referenced to rfoUT while p1dB for Bypass mode is referenced to rfiN.


Similar Part No. - 604LP3E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
604 MARL-604 Datasheet
460Kb / 4P
횠5.0mm mounting Robust bright nickel plated brass housing
logo
Abbatron All Rights Res...
604 ABBATRON-604 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
604 BG-604 Datasheet
110Kb / 2P
JUNCTION BOXES - SELECTIVE ENTRY
logo
List of Unclassifed Man...
604-1 ETC2-604-1 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
604-10 ETC2-604-10 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
More results

Similar Description - 604LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC717LP3 HITTITE-HMC717LP3 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 4.8 - 6.0 GHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com