Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC623LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC623LP4
Description  RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC623LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC623LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC623LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9
9 - 6
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC623LP4 / 623LP4E
v01.0708
RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
Pin number
Function
Description
interface schematic
1
vdd1rF
Power supply voltage for the rF amplifier.
external bypass capacitors of 100 pF,
1000pF, and 2.2 μF are required.
24
vdd2rF
2, 4, 6 - 8,
10, 11, 13, 16,
18 - 20, 23
n/c
no connection necessary. these pins
may be connected to rF/Dc Ground
3
rFin
this pin is Dc coupled
and matched to 50 ohms.
4
res
this pin is used to set the Dc current of the rF
amplifier by selection of the external bias resistor.
see application circuit and bias resistor value table.
5
GnD
Backside of package has exposed metal ground
paddle that must also be connected to ground.
9
Loin
this pin is Ac coupled
and matched to 50 ohms.
12
vddLo
Power supply for Lo amplifier.
An external rF bypass capacitor is required.
14
mixiF
For applications not requiring operation to Dc this
port should be Dc blocked externally using a series
capacitor. choose value of capacitor to pass iF
frequency desired. For operation to Dc, this pin must
not sink/source more than 40 mA of current or failure
may result.
15
iFin
this pin is Dc coupled.
An off chip Dc blocking capacitor is required.
17
iFoUt
iF output and Dc Bias (vcc) for the output stage.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com