Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC668LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC668LP3
Description  GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC668LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC668LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
HMC668LP3 / 668LP3E
v03.0610
GaAs PHEMT MMIC LNA w/
FAILSAFE BYPASS MODE, 700 - 1200 MHz
Bypass Mode -
Input IP3 vs. Output Power @ 900 MHz
Bypass Mode -
Broadband Gain & Return Loss
Bypass Mode -
Insertion Loss vs. Temperature
Bypass Mode - Input IP3 vs. Temperature,
Output Power @ 5 dBm
16
20
24
28
32
36
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)
-5
-4
-3
-2
-1
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)
15
20
25
30
35
40
-10
-5
0
5
10
15
+25C
+85C
-40C
Pout (dBm)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
S21
S11
S22
FREQUENCY (GHz)
Bypass Mode -
Output Return Loss vs. Temperature
Bypass Mode -
Input Return Loss vs. Temperature
-25
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com