Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC675LP3E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC675LP3E
Description  10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC675LP3E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC675LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC675LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC675LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC675LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC675LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC675LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC675LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC675LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC675LP3E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1 - 9
1
HMC675LP3E
v01.0811
10 GHz LATCHED COMPARATOR
WITH RSCML OUTPUT STAGE
the circuit board used in the application should
use rF circuit design techniques. signal lines
should have 50 ohm impedance while the pack-
age ground leads should be connected directly to
the ground plane similar to that shown. a sufficient
number of via holes should be used to connect the
top and bottom ground planes in order to provide
good rF grounding to 25 GHz. the evaluation
circuit board shown is available from Hittite upon
request.
Item
Description
J1
8 pos. Vertical tIN
J2 - J7
2.92 mm 40 GHz Jack
J8
terminal strip, single row 3 pin smt
Jp1, Jp2
2 pos. Vertical tIN
c1 - c3, c5, c6,
c8 - c10
100 pF capacitor, 0402 pkg.
c4, c7, c11
330 pF capacitor, 0402 pkg.
c11 - c13
4.7 µF tantalum
tp1 - tp4
Dc pin, swage mount
U1
Hmc675Lp3E comparator
pcB
125929 Evaluation pcB
[1] reference this number when ordering complete evaluation pcB
[2] circuit Board material: rogers 4350 or arlon 25Fr
List of Materials for Evaluation PCB 125932 [1]
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com