Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC684LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC684LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC684LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC684LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC684LP4 / 684LP4E
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1000 MHz
v03.0110
General Description
Features
Functional Diagram
Electrical Specifications
T
A = +25° C, IF = 100 MHz, LO = 0 dBm, Vcc1, 2, 3, = +5V, G_Bias = +3.5V*
Typical Applications
Parameter
Min.
Typ.
Max.
Units
Frequency range, rF
0.7 - 1.0
GHz
Frequency range, LO
0.6 - 1.0
GHz
Frequency range, iF
DC to 450
MHz
Conversion Loss
7
9
dB
Noise Figure (ssB)
7
dB
LO to rF isolation
17
23
dB
LO to iF isolation
20
30
dB
rF to iF isolation
25
35
dB
iP3 (input)
32
dBm
1 dB Compression (input)
25
dBm
LO Drive input Level (Typical)
-6 to +3
dBm
supply Current icc Total
85
100
mA
* Unless otherwise noted all measurements performed as downconverter with low side LO & IF = 100 MHz.
The HMC684LP4(e) is ideal for:
• Cellular/3G & LTe/WiMAx/4G
• Basestations & repeaters
• GsM, CDMA & OFDM
• Transmitters and receivers
The HMC684LP4(e) is a high dynamic range passive
MMiC mixer with integrated LO amplifier in a 4x4
sMT QFN package covering 0.7 to 1.0 GHz. excellent
input iP3 performance of +32 dBm for down conver-
sion is provided for 3G & 4G GsM/CDMA applications
at an LO drive of 0 dBm. With an input 1 dB com-
pression of +25 dBm, the rF port will accept a wide
range of input signal levels. Conversion loss is 7 dB
typical. The DC to 450 MHz iF frequency response
will satisfy GsM/CDMA transmit or receive frequency
plans. The HMC684LP4(e) is pin for pin compatible
with the HMC685LP4(e) which is a 1.7 - 2.2 GHz mixer
with LO amplifier.
High input iP3: +32 dBm
Low Conversion Loss: 7 dB
Low LO Drive: 0 dBm
Upconversion & Downconversion Applications
24 Lead 4x4mm sMT Package: 16mm2


Similar Part No. - HMC684LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC684LP4 HITTITE-HMC684LP4 Datasheet
305Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
HMC684LP4E HITTITE-HMC684LP4E Datasheet
305Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
More results

Similar Description - HMC684LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC786LP4E HITTITE-HMC786LP4E Datasheet
393Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
HMC684LP4 HITTITE-HMC684LP4 Datasheet
305Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC686LP4 HITTITE-HMC686LP4 Datasheet
1Mb / 18P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com