Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC686LP4 Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part # HMC686LP4
Description  BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC686LP4 Datasheet(HTML) 11 Page - Hittite Microwave Corporation

Back Button HMC686LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 12Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 13Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 14Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 15Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 11
HMC686LP4 / 686LP4E
v05.0509
BiCMOS MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1500 MHz
Outline Drawing
Part Number
Package Body Material
Lead Finish
MsL rating
Package Marking [3]
HMC686LP4
Low stress injection Molded Plastic
sn/Pb solder
MsL1
[1]
H686
xxxx
HMC686LP4e
roHs-compliant Low stress injection Molded Plastic
100% matte sn
MsL1
[2]
H686
xxxx
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number xxxx
Package Information
NOTes:
1. PACKAGe BODY MATeriAL: LOW sTress iNJeCTiON MOLDeD
PLAsTiC siLiCA AND siLiCON iMPreGNATeD.
2. LeAD AND GrOUND PADDLe MATeriAL: COPPer ALLOY.
3. LeAD AND GrOUND PADDLe PLATiNG: 100% MATTe TiN.
4. DiMeNsiONs Are iN iNCHes [MiLLiMeTers].
5. LeAD sPACiNG TOLerANCe is NON-CUMULATiVe.
6. PAD BUrr LeNGTH sHALL Be 0.15mm MAx.
PAD BUrr HeiGHT sHALL Be 0.25mm MAx.
7. PACKAGe WArP sHALL NOT exCeeD 0.05mm
8. ALL GrOUND LeADs AND GrOUND PADDLe
MUsT Be sOLDereD TO PCB rF GrOUND.
9. reFer TO HiTTiTe APPLiCATiON NOTe
FOr sUGGesTeD PCB LAND PATTerN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com