Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC698LP5 Datasheet(PDF) 12 Page - Hittite Microwave Corporation

Part # HMC698LP5
Description  7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC698LP5 Datasheet(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMC698LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 10Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 11Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 12
CMOS/TTL Input Characteristics
Maximum Input Logic “0” Voltage (V
IL MAXIMUM) = 1.1V @ 1 µA.
Minimum Input Logic “1” Voltage (V
Ih MINIMUM) = 1.8V @ 50 µA.
Input IV characteristics for the logic inputs (N0 - N5, s0 - s1) are shown below:
-0.1
0
0.1
0.2
0.3
0.4
0
1
2
3
4
5
Input Voltage (V)
V
IL MAX
V
IH MIN
HMC698LP5 / 698LP5E
v03.0709
7 GHz INTEGER N SYNTHESIZER
(N = 12 - 259)
Typical Application
Showing Spurious Performance
Typical Application
13 GHz Measured Phase Noise [1]
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
10
6
10
7
MEASURED
CALCULATED
OFFSET FREQUENCY (Hz)
[1] Phase Noise Floor remains constant beyond 100 khz offset
frequency. Measured phase noise using Agilent 5500 with 2 unit
measurement technique and corresponding calculated phase noise
floor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com