Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC717LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC717LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 4.8 - 6.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC717LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC717LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC717LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC717LP3 / 717LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 4.8 - 6.0 GHz
v02.0809
General Description
Features
Functional Diagram
The HmC717lp3(e) is a GaAs pHemT mmiC
low Noise Amplifier that is ideal for fixed wireless
and lTe/wimAX/4G basestation front-end receivers
operating between 4.8 and 6.0 GHz. The amplifier
has been optimized to provide 1.1 dB noise figure,
16.5 dB gain and +31.5 dBm output ip3 from a single
supply of +5V. input and output return losses are
excellent and the lNA requires minimal external
matching and bias decoupling components. The
HmC717lp3(e) can be biased with +3V to +5V and
features an externally adjustable supply current
which allows the designer to tailor the linearity
performance of the lNA for each application.
Noise figure: 1.1 dB
Gain: 16.5 dB
output ip3: +31.5 dBm
single supply: +3V to +5V
16 lead 3x3mm QfN package: 9 mm2
Typical Applications
The HmC717lp3(e) is ideal for:
• fixed wireless and lTe/wimAX/4G
• BTs & infrastructure
• repeaters and femtocells
• public safety radio
• Access points
Electrical Specifications
T
A = +25° C, Rbias = 2k Ohms for Vdd = 5V, Rbias = 20k Ohms for Vdd = 3V
[1] [2]
parameter
Vdd = +3V
Vdd = +5V
Units
min.
Typ.
max.
min.
Typ.
max.
frequency range
4.8 - 6.0
4.8 - 6.0
mHz
Gain
12
14.3
13.5
16.5
dB
Gain Variation over Temperature
0.01
0.01
dB/ °C
Noise figure
1.25
1.5
1.1
1.4
dB
input return loss
13
13
dB
output return loss
13
18
dB
output power for 1 dB Compression (p1dB)
12
14
15
18.5
dBm
saturated output power (psat)
15
19.5
dBm
output Third order intercept (ip3)
25.5
31.5
dBm
Total supply Current (idd)
31
40
73
100
mA
[1] rbias resistor sets current, see application circuit herein
[2] Vdd = Vdd1 = Vdd2


Similar Part No. - HMC717LP3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC717ALP3E AD-HMC717ALP3E Datasheet
1Mb / 11P
Repeaters and Femtocells
More results

Similar Description - HMC717LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G Datasheet
236Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM1200 MIMIX-CMM1200 Datasheet
457Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com