Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC718LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC718LP4
Description  GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC718LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC718LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC718LP4 / 718LP4E
GaAs PHEMT MMIC HIGH IP3
LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz
v01.1008
General Description
Features
Functional Diagram
Typical Applications
Electrical Specifications, T
A = +25°C, Rbias = 3.92k Ohms*
parameter
Vdd = +3V
Vdd = +5V
Units
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
frequency range
0.6 - 1.0
1.0 - 1.4
0.6 - 1.0
1.0 - 1.4
GHz
Gain
26
30.5
25
27.5
27
32
25
29
dB
Gain Variation over Temperature
0.01
0.01
0.01
0.01
dB/ °C
Noise figure
0.95
0.75
0.95
0.8
dB
input return loss
15
20
15.5
23
dB
output return loss
13
10
15.5
13
dB
output power for 1 dB
Compression (p1dB)
13
15.5
13
15.7
19
21.5
19
21.5
dBm
saturated output power (psat)
19
19
23.5
23.3
dBm
output Third order intercept (ip3)
35
34.5
40.5
40
dBm
supply Current (idd)
187
200
187
200
254
281
254
281
mA
* rbias resistor sets current, see application circuit herein
The HmC718lp4(e) is a GaAs pHemT mmiC
low Noise Amplifier that is ideal for Cellular/3G and
lTe/wimAX/4G
basestation
front-end
receivers
operating between 600 and 1400 mHz. The amplifier
has been optimized to provide 0.9 dB noise figure,
32 dB gain and +40 dBm output ip3 from a single
supply of +5V. input and output return losses are
excellent and the lNA requires minimal external
matching and bias decoupling components. The
HmC718lp4(e) shares the same package and
pinout with the HmC719lp3(e) 1.3 - 2.9 GHz lNA.
The HmC718lp4(e) can be biased with +3V to +5V
and features an externally adjustable supply current
which allows the designer to tailor the linearity
performance of the lNA for each application.
Noise figure: 0.9 dB
Gain: 32 dB
output ip3: +40 dBm
single supply: +3V to +5V
50 ohm matched input/output
24 lead 4x4 mm smT package: 16 mm2
The HmC718lp4(e) is ideal for:
• Cellular/3G and lTe/wimAX/4G
• BTs & infrastructure
• repeaters and femtocells
• Access points
• Test equipment


Similar Part No. - HMC718LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC710LC5 HITTITE-HMC710LC5 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC710LC5 HITTITE-HMC710LC5 Datasheet
287Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC711LC5 HITTITE-HMC711LC5 Datasheet
791Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5 HITTITE-HMC711LC5 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
More results

Similar Description - HMC718LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC490 HITTITE-HMC490 Datasheet
217Kb / 8P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490LP5 HITTITE-HMC490LP5 Datasheet
272Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
HMC490 HITTITE-HMC490_09 Datasheet
265Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490LP5 HITTITE-HMC490LP5_10 Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
HMC719LP4 HITTITE-HMC719LP4 Datasheet
1,022Kb / 10P
GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 1.3 - 2.9 GHz
logo
Analog Devices
HMC465LP5 AD-HMC465LP5 Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC490LP5 AD-HMC490LP5 Datasheet
415Kb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com