Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC720LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC720LP3E
Description  14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC720LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC720LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 2
Electrical Specifications (continued)
HMC720LP3E
v01.1010
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
w/ PROGRAMMABLE OUTPUT VOLTAGE
Parameter
Conditions
Min.
Typ.
Max
Units
Output Return Loss
Frequency <13 GHz
10
dB
Small Signal Gain
27
dB
Random Jitter JR
rms
0.2
ps rms
Deterministic Jitter, JD
δ - δ, 215-1 PRBS input [1]
26
ps
Propagation Delay, td
120
ps
D1 to D2 Data Skew, tSKEW
0ps
VR Pin Current
VR = 0.0 V
2
mA
VR Pin Current
VR = +0.4 V
3.5
mA
[1] Deterministic jitter measured at 13 GHz with a 300 mVp-p, 215-1 PRBS input sequence.
[1] VR = 0.0 V
[2] Frequency = 13 GHz
[3] Frequency = 10 GHz
[4] Vee = -3.3 V
DC Current vs. Supply Voltage [1][2]
Output Differential Voltage vs. VR [3][4]
70
75
80
85
90
95
100
105
110
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
Output Differential Voltage
vs. Supply Voltage [1][3]
Output Differential Voltage
vs. Frequency [1][4]
700
800
900
1000
1100
1200
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
500
600
700
800
900
1000
1100
1200
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
+25C
+85C
-40C
VR (V)
700
800
900
1000
1100
1200
1300
6
8
10
12
14
16
INPUT FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com